Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT50SW6F Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # IT50SW6F
Description  WIRELESS TOWER LIGHT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

IT50SW6F Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  IT50SW6F Datasheet HTML 1Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 2Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 3Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 4Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 5Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 6Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 7Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 8Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MODEL: IT50SW6F
IT50SW6F SPECIFICATIONS
ES-2435 Rev.0 Page 3/10
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
■ Discrete Input: Dry contact, open collector NPN
Input resistance: Approx. 4.4 kΩ
Common: Negative common NPN
ON level: ≤ 5 V / ≥ 3.5 mA (Input - COM)
OFF level: ≥ 18 V DC / ≤ 1 mA (Input - COM)
Input current: ≤ 5.5 mA per point @ 24 V DC
INSTALLATION
Max. current consumption
•DC: Approx. 5.5 W (24 V DC)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Direct mounting
Mounting direction: Vertical
Weight: 700 g (1.5 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Power input to discrete input to communication to FE1 to
antenna connector)
STANDARDS & APPROVALS
Module conforming to FCC Part 15 incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com