Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT50SW6F Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # IT50SW6F
Description  WIRELESS TOWER LIGHT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

IT50SW6F Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  IT50SW6F Datasheet HTML 1Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 2Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 3Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 4Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 5Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 6Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 7Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 8Page - M-System Co.,Ltd. IT50SW6F Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MODEL: IT50SW6F
IT50SW6F SPECIFICATIONS
ES-2435 Rev.0 Page 2/10
http://www.m-system.co.jp/
DESIGN TYPE
2: Type 2
(refer to outline dimensions)
COUNTRY IN WHICH IT IS INTENDED FOR USE
U: The United States
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[7] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
For related products of wireless device, refer to M-System's
web site.
• LAN cable (model: ITCA)
• Mounting Pole (model: ITPL)
• Mounting Adapter (model: ITAD1)
• PC configurator software (model: ITCFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
Maintenance software
Maintenance console: MH920 Console International (model:
MH920CI) (OKI)
(Maintenance software is downloadable at M-System’s web
site.)
GENERAL SPECIFICATIONS
Degree of protection: IP 65, vertical mounting only (bottom
connectors excluded)
Connection
• Power: UL1007 AWG20
• Input: UL1007 AWG22
• Wired communication: Separable tension clamp terminal
Applicable wire size: 0.2 to 1.5 mm2, stripped length 10 mm
Recommended solderless terminal
AI0,5-10WH 0.5mm2 (Phoenix Contact)
AI0,75-10GY 0.75mm2 (Phoenix Contact)
• Wireless communication: SMA coaxial connector
• Maintenance: Mini USB type B female connector
Housing material: Flame-resistant resin
Lens: Flame-resistant resin (transparent)
Isolation
Power input to discrete input to communication to FE1 to
antenna connector
DIP SW Setting: Frequency of lamp blinking and buzzing
discontinuance, buzzing volume level, output at connection
failed and so on (refer to the instruction manual)
Lamp: Red, amber, green, blue and white LEDs
on/blinking (approx. 2 Hz, 10 Hz)
Indicator LEDs: Power, Run
(Refer to the insruction manual)
Buzzing: Approx. 3.3 kHz
Interval: continuous/intermittent (approx. 2 Hz, 10 Hz)
MODBUS COMMUNICATION
Protocol: Modbus-RTU
Configuration: Bus type multi-drop
Standard: Conforms to TIA/EIA-485-A
Communication: Half-duplex, asynchronous, no procedure
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
Indicator LEDs: SD, RD
Max. no. of connections at once: 31
Transmission setting: PC configurator software
Data: RTU (Binary)
Baud rate: 4800, 9600, 19.2k, 38.4 k (bps)
Parity: None, even or odd
Stop bit: 1 or 2
WIRELESS SPECIFICATIONS
Communication Standard: IEEE 802.15.4g
Frequency: 900MHz band (902 - 928 MHz)
Max. Transmission power: 20 mW
Bandwidth: 400 kHz
Modulation: GFSK
Baud rate: Max. 100 kbps
Channels: 1 to 43 ch
Security: 128bit AES
Indicator LEDs: 920Run, 920Link, and 920ERR
Protocol: Modbus-RTU
Communication module: Router module incorporated
(Oki Electric Industry Co., Ltd. )
Radio parameters setting: With configurator software



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com