Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT40SW2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # IT40SW2
Description  WIRELESS LAN TOWER LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

IT40SW2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  IT40SW2 Datasheet HTML 1Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 2Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 3Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 4Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 5Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: IT40SW2
IT40SW2 SPECIFICATIONS
ES-2386 Rev.10 Page 1/6
http://www.m-system.co.jp/
Tower Light Series
WIRELESS LAN TOWER LIGHT
(small size, 40 mm dia., Modbus/TCP, access point, 1 - 5
layers)
Functions & Features
• Lighting, blinking and buzzing available with contact input
or PC via Modbus/TCP.
• Contact input status acquisition available through wireless
LAN.
• Connection to network with bridge function, in remote I/O
Ethernet type via wireless LAN.
• Wireless LAN access point complied with IEEE802.11b/g/n
• Nondirectional antenna (360°horizontal)
• Station use is available by mode change.
• Conforming to Electronic Communications Act, 2005 of the
Republic of South Africa
mm (inch.)
88 (3.47)
A
60 (2.36)
Lamp Layers
1
2
3
4
5
A
224 (8.82)
256 (10.08)
288 (11.34)
320 (12.60)
352 (13.86)
MODEL: IT40SW2-[1][2][3][4][5][6]D2-R[7][8]
ORDERING INFORMATION
• Code number: IT40SW2-[1][2][3][4][5][6]D2-R[7][8]
Specify a code from below for each of [1] through [8].
(e.g. IT40SW2-5RYGBWD2-R/ZA/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] LAMP LAYERS
1: 1 layer
2: 2 layers
3: 3 layers
4: 4 layers
5: 5 layers
[2] LAMP 1 COLOR
(1st layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
[3] LAMP 2 COLOR
(2nd layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 2 - 5)
[4] LAMP 3 COLOR
(3rd layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 3 - 5)
[5] LAMP 4 COLOR
(4th layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 4 - 5)
[6] LAMP 5 COLOR
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 5)
* The selection of the same color for more than one layer is
not available.
* Select "None" option for the layers other than the
selected.
MOUNTING
D: Direct mounting


Similar Part No. - IT40SW2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
IT40SW1 MSYSTEM-IT40SW1 Datasheet
287Kb / 6P
WIRELESS LAN TOWER LIGHT
IT40SW5F MSYSTEM-IT40SW5F Datasheet
581Kb / 10P
WIRELESS TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results

Similar Description - IT40SW2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTFF374S ACT-ACTFF374S Datasheet
157Kb / 5P
Wireless LAN applications
SEPT 04
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
Wireless LAN Controller
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
logo
M-System Co.,Ltd.
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SW2 MSYSTEM-IT50SW2 Datasheet
322Kb / 6P
WIRELESS TOWER LIGHT
IT50SW1 MSYSTEM-IT50SW1 Datasheet
295Kb / 6P
WIRELESS LAN TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
IT40SW5F MSYSTEM-IT40SW5F Datasheet
581Kb / 10P
WIRELESS TOWER LIGHT
IT40SW1 MSYSTEM-IT40SW1 Datasheet
287Kb / 6P
WIRELESS LAN TOWER LIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com