Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT40SW2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # IT40SW2
Description  WIRELESS LAN TOWER LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

IT40SW2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  IT40SW2 Datasheet HTML 1Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 2Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 3Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 4Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 5Page - M-System Co.,Ltd. IT40SW2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: IT40SW2
IT40SW2 SPECIFICATIONS
ES-2386 Rev.10 Page 2/6
http://www.m-system.co.jp/
DESIGN TYPE
2: Type 2
(refer to outline dimensions)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[7] COUNTRY
blank: Japan, EU
/ZA: South African Republic
[8] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• LAN cable (model: ITCA)
• Mounting Pole (model: ITPL)
• Mounting Adapter (model: ITAD1)
• PC configurator software (model: ITCFG)
Functions are configurable using the PC Configurator
Software.
Downloadable at M-System’s web site.
PACKAGE INCLUDES...
• Ferrite core (model: ZCAT 2132-1130)(TDK): 1 pce.
GENERAL SPECIFICATIONS
Degree of protection: IP 65, vertical mounting only (bottom
connectors excluded)
Connection
Power: UL1007 AWG20
Input: UL1007 AWG22
Ethernet: RJ-45 Modular Jack
Housing material: Flame-resistant resin
Lens: Flame-resistant resin (transparent)
Isolation: Discrete input or power input to network
DIP SW Setting: Frequency of lamp blinking and buzzing
discontinuance, buzzing volume level, output at connection
failed and IP address (refer to the instruction manual)
Lamp: Red, amber, green, blue and white LEDs
on/blinking (approx. 2 Hz, 10 Hz)
Status indicator LEDs: Power, Run
(Refer to the insruction manual)
Buzzing: Approx. 3.3 kHz
Interval: continuous/intermittent (approx. 2 Hz, 10 Hz)
COMMUNICATION
■ Common spec.
Modbus protocol
Protocol: Modbus/TCP
Data: RTU (Binary)
Port No.: 502
Max. number of socket connections: 10
DHCP protocl: DHCP server
IP address: 192.168.0.1 (factory setting);
Selectable with PC Configurator Software
(model: ITCFG)
■ Ethernet
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Transmission media: 10BASE-T (STP, Category 5) 100BASE-
TX (STP, Category 5e)
Max. length of fieldbus segment: 100 meters
IP address: 192.168.0.1 (factory setting);
Selectable with PC Configurator Software
Ethernet indicator LED: Link, Link100, COL
■ Wireless LAN
Communication Standard: IEEE 802.11b/g/n
Frequency range: 2400 - 2483.5 MHz (ch1 - ch13)
Max. transmision distance (optical): Approx. 50m (depends
on setting)
Access mode: infrastructure
Security: WEP 64bit/128bit, WPA (TKIP, AES), WPA2 (TKIP,
AES)
Wireless LAN indicator: WLAN1
Number of stations: 5
INPUT SPECIFICATIONS
■ Discrete Input: Dry contact, open collector NPN
Input resistance: Approx. 4.4 kΩ
Common: Negative common NPN
ON level: ≤ 5 V / ≥ 3.5 mA (Input - COM)
OFF level: ≥ 18 V DC / ≤ 1 mA (Input - COM)
Input current: ≤ 5.5 mA per point @ 24 V DC
INSTALLATION
Power consumption
•DC: Approx. 5.5 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com