Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138064RMHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 9Page - Texas Instruments UCD3138064RMHT Datasheet HTML 10Page - Texas Instruments UCD3138064RMHT Datasheet HTML 11Page - Texas Instruments UCD3138064RMHT Datasheet HTML 12Page - Texas Instruments UCD3138064RMHT Datasheet HTML 13Page - Texas Instruments UCD3138064RMHT Datasheet HTML 14Page - Texas Instruments UCD3138064RMHT Datasheet HTML 15Page - Texas Instruments UCD3138064RMHT Datasheet HTML 16Page - Texas Instruments UCD3138064RMHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
8.4 Thermal Information
THERMAL METRIC(1)
UCD3138064
UNIT
64 Pin
QFN (RGC)
40 Pin QFN
(RJA)
40 Pin
QFN (RMH)
RθJA
Junction-to-ambient thermal resistance
19.9
25.4
30.8
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
5.7
14.0
15.7
RθJB
Junction-to-board thermal resistance
3.1
7.7
5.7
ψJT
Junction-to-top characterization parameter
0.1
0.1
0.2
ψJB
Junction-to-board characterization parameter
3.0
7.6
5.7
RθJC(bot) Junction-to-case (bottom) thermal resistance
0.3
0.9
0.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
www.ti.com
UCD3138064
SLUSB72D – MARCH 2013 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com