Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138064RMHT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 16Page - Texas Instruments UCD3138064RMHT Datasheet HTML 17Page - Texas Instruments UCD3138064RMHT Datasheet HTML 18Page - Texas Instruments UCD3138064RMHT Datasheet HTML 19Page - Texas Instruments UCD3138064RMHT Datasheet HTML 20Page - Texas Instruments UCD3138064RMHT Datasheet HTML 21Page - Texas Instruments UCD3138064RMHT Datasheet HTML 22Page - Texas Instruments UCD3138064RMHT Datasheet HTML 23Page - Texas Instruments UCD3138064RMHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
8.9 Typical Clock Gating Power Savings
0.00
1.00
2.00
3.00
4.00
5.00
6.00
DPWM
ADC12
Front-end Control
Peak Current
Mode
Timer
Filter
Constant
Power/Constant
Current
SCI
GIO
Module
C001
Figure 8-4. Clock Gating Power Savings
The power disable control register provides control bits that can enable or disable the clock to several
peripherals such as, PCM, CPCC, digital filters, front ends, DPWMs, UARTs, ADC-12 and more.
By default, all these controls are enabled. If a specific peripheral is not used the clock gate can be disabled
in order to block the propagation of the clock signal to that peripheral and therefore reduce the overall current
consumption of the device. The power savings chart displays the power savings per module. For example there
are 4 DPWM modules, therefore, if all 4 are disabled a total of ~20 mA can be saved.
UCD3138064
SLUSB72D – MARCH 2013 – REVISED APRIL 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com