Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1209 Datasheet(PDF) 32 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADGS1209 Datasheet HTML 25Page - Analog Devices ADGS1209 Datasheet HTML 26Page - Analog Devices ADGS1209 Datasheet HTML 27Page - Analog Devices ADGS1209 Datasheet HTML 28Page - Analog Devices ADGS1209 Datasheet HTML 29Page - Analog Devices ADGS1209 Datasheet HTML 30Page - Analog Devices ADGS1209 Datasheet HTML 31Page - Analog Devices ADGS1209 Datasheet HTML 32Page - Analog Devices ADGS1209 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 32 of 33
Bits
Bit Name
Settings
Description
Default
Access
1
S2_EN
Enable bit for S2.
0x1
R/W
0
S2 disabled during round robin mode.
1
S2 enabled during round robin mode.
0
S1_EN
Enable bit for S1.
0x1
R/W
0
S1 disabled during round robin mode.
1
S1 enabled during round robin mode.
Table 22. Bit Descriptions for RROBIN_CHANNEL_CONFIG (ADGS1209)
Bits
Bit Name
Settings
Description
Default
Access
[7:4]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
3
S4_EN
Enable bit for S4.
0x1
R/W
0
S4 disabled during round robin mode.
1
S4 enabled during round robin mode.
2
S3_EN
Enable bit for S3.
0x1
R/W
0
S3 disabled during round robin mode.
1
S3 enabled during round robin mode.
1
S2_EN
Enable bit for S2.
0x1
R/W
0
S2 disabled during round robin mode.
1
S2 enabled during round robin mode.
0
S1_EN
Enable bit for S1.
0x1
R/W
0
S1 disabled during round robin mode.
1
S1 enabled during round robin mode.
CNV EDGE SELECT REGISTER
Address: 0x09, Reset: 0x00, Name: CNV_EDGE_SEL
The CNV edge select register allows the user to select the active edge of the CNV pin when the device is in round robin mode.
Table 23. Bit Descriptions for CNV_EDGE_SEL
Bits
Bit Name
Settings
Description
Default
Access
[7:1]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
0
CNV_EDGE_SEL
CNV active edge select bit.
0x0
R/W
0
Falling edge of CNV is the active edge.
1
Rising edge of CNV is the active edge.
SOFTWARE RESET REGISTER
Address: 0x0B, Reset: 0x00, Name: SOFT_RESETB
Use the software reset register to perform a software reset. Consecutively, write 0xA3 followed by 0x05 to this register, and the registers of
the device reset to their default state.
Table 24. Bit Descriptions for SOFT_RESETB
Bits
Bit Name
Settings
Description
Default
Access
[7:0]
SOFT_RESETB
To perform a software reset, consecutively write 0xA3 followed by 0x05 to
this register.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com