Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1209 Datasheet(PDF) 3 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 3 Page - Analog Devices

  ADGS1209 Datasheet HTML 1Page - Analog Devices ADGS1209 Datasheet HTML 2Page - Analog Devices ADGS1209 Datasheet HTML 3Page - Analog Devices ADGS1209 Datasheet HTML 4Page - Analog Devices ADGS1209 Datasheet HTML 5Page - Analog Devices ADGS1209 Datasheet HTML 6Page - Analog Devices ADGS1209 Datasheet HTML 7Page - Analog Devices ADGS1209 Datasheet HTML 8Page - Analog Devices ADGS1209 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 3 of 33
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, VL = 2.7 V to 5.5 V, and GND = 0 V, unless otherwise noted.
Table 1.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
150
Ω typ
VS = ±10 V, IS = −1 mA,
see Figure 39
200
240
270
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between
Channels, ∆RON
3.5
Ω typ
VS = ±10 V, IS = −1 mA
6
10
12
Ω max
On Resistance Flatness, RFLAT (ON)
35
Ω typ
VS = ±10 V, IS = −1 mA
64
76
83
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.003
nA typ
VS = ±10 V, VD =
10V,
see Figure 36
±0.1
±0.6
±1.0
nA max
Drain Off Leakage, ID (Off)
±0.003
nA typ
VS = ±10 V, VD =
10V,
see Figure 36
±0.1
±0.6
±1.0
nA max
Channel On Leakage, ID (On), IS (On)
±0.02
nA typ
VS = VD = ±10 V, see Figure 32
±0.3
±0.6
±1.0
nA max
DIGITAL OUTPUTS
SDO
Output Voltage
Low, VOL
0.4
V max
Sink current (ISINK) = 5 mA
0.2
V max
ISINK = 1 mA
High Impedance Leakage Current
0.001
µA typ
Output voltage (VOUT) = VGND or VL
±0.1
µA max
High Impedance Output
Capacitance
4
pF typ
GPOx
Output Voltage
High, VOH
VL − 0.2 V
V min
ISOURCE = 100 µA
Low, VOL
0.2
V max
ISINK = 100 µA
Timing
tON
95
ns typ
CL = 15 pF, see Figure 44
115
115
115
ns max
tOFF
15
ns typ
CL = 15 pF, see Figure 44
20
25
25
ns max
Break-Before-Make Time Delay, tD
50
ns typ
CL = 15 pF, see Figure 45
35
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com