Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1408 Datasheet(PDF) 12 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADGS1408 Datasheet HTML 8Page - Analog Devices ADGS1408 Datasheet HTML 9Page - Analog Devices ADGS1408 Datasheet HTML 10Page - Analog Devices ADGS1408 Datasheet HTML 11Page - Analog Devices ADGS1408 Datasheet HTML 12Page - Analog Devices ADGS1408 Datasheet HTML 13Page - Analog Devices ADGS1408 Datasheet HTML 14Page - Analog Devices ADGS1408 Datasheet HTML 15Page - Analog Devices ADGS1408 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 12 of 34
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
VL to GND
For VDD ≤ 5.5V
−0.3 V to VDD + 0.3 V
For VDD > 5.5V
−0.3 V to +6 V
SDO
−0.3 V to +6 V
GPOx
−0.3 V to VL + 0.3 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
−0.3 V to +6 V
Peak Current, Sx or Dx Pins2
497 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, Sx or Dx2, 3
Data + 15%
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Reflow Soldering Peak
Temperature, Pb-Free
260(+0/−5)°C
1 Overvoltages at the digital Sx and Dx pins are clamped by internal diodes.
Limit current to the maximum ratings given.
2 Sx refers to the S1 to S4 pins, and Dx refers to the D1 to D4 pins.
3 See Table 4 and Table 5.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Table 8. Thermal Resistance
Package Type
θJA
θJCB1
ΨJT
Unit
CP-24-172
58.4
17.2
2.2
°C/W
1 θJCB is the junction to the bottom of the case value.
2 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with four thermal vias. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com