Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1408 Datasheet(PDF) 1 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 1 Page - Analog Devices

  ADGS1408 Datasheet HTML 1Page - Analog Devices ADGS1408 Datasheet HTML 2Page - Analog Devices ADGS1408 Datasheet HTML 3Page - Analog Devices ADGS1408 Datasheet HTML 4Page - Analog Devices ADGS1408 Datasheet HTML 5Page - Analog Devices ADGS1408 Datasheet HTML 6Page - Analog Devices ADGS1408 Datasheet HTML 7Page - Analog Devices ADGS1408 Datasheet HTML 8Page - Analog Devices ADGS1408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SPI Interface, 4 Ω RON, ±15 V/+12 V/±5 V,
1.8 V Logic Control, 8:1/Dual 4:1 Muxes
Data Sheet
ADGS1408/ADGS1409
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SPI interface with error detection
Includes CRC, invalid read/write address, and SCLK count
error detection
Supports burst mode and daisy-chain mode
Industry-standard SPI Mode 0 and SPI Mode 3 interface
compatible
Round robin mode allows switching times comparable with a
parallel interface
General-purpose digital outputs to control other devices,
such as parallel switches from Analog Devices, Inc.
4 Ω typical on resistance at 25°C
0.5 Ω typical on-resistance flatness at 25°C
0.2 Ω typical on-resistance match between channels at 25°C
VSS to VDD analog signal range
Fully specified at ±15 V, ±5 V, and +12 V
Power-up sequence of VDD, VSS, and GND before applying
VL and digital/analog inputs
1.8 V logic compatibility with 2.7 V ≤ VL ≤ 3.3 V
24-lead LFCSP package
APPLICATIONS
Automated test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Video signal routing
Communications systems
Relay replacement
FUNCTIONAL BLOCK DIAGRAMS
ADGS1408
S1
S8
SDO
GPO1
GPO2
GPO3
GPO4
CNV
D
SPI
INTERFACE
SCLK
SDI
CS RESET/VL
Figure 1. ADGS1408 Functional Block Diagram
SPI
INTERFACE
SCLK
SDI
CS RESET/VL
ADGS1409
S1A
S4B
DA
DB
S4A
S1B
SDO
GPO1
GPO2
GPO3
GPO4
GPO5
CNV
Figure 2. ADGS1409 Functional Block Diagram
GENERAL DESCRIPTION
The ADGS1408/ADGS1409 are analog multiplexers comprising
eight single channels and four differential channels, respectively.
A serial peripheral interface (SPI) controls the switches. The SPI
interface has robust error detection features such as cyclic
redundancy check (CRC) error detection, invalid read/write
address detection, and SCLK count error detection.
It is possible to daisy-chain multiple ADGS1408/ADGS1409
devices together. Daisy-chain mode enables the configuration of
multiple devices with a minimal amount of digital lines. The
ADGS1408/ADGS1409 can also operate in burst mode to
decrease the time between SPI commands.
iCMOS construction ensures ultra low power dissipation, making
the devices ideally suited for portable and battery-powered
instruments.
Each switch conducts equally well in both directions when on,
and each switch has an input signal range that extends to the
supplies. In the off condition, signal levels up to the supplies
are blocked.
The on-resistance profile is flat over the full analog input range,
which ensures linearity and low distortion when switching
audio signals.
PRODUCT HIGHLIGHTS
1.
SPI interface removes the need for parallel conversion,
logic traces, and reduces GPIO channel count.
2.
Daisy-chain mode removes additional logic traces when
multiple devices are used.
3.
CRC error detection, invalid read/write address detection,
and SCLK count error detection ensure a robust digital
interface.
4.
CRC and error detection capabilities allow the use of the
ADGS1408/ADGS1409 in safety critical systems.
5.
Minimal distortion.


Similar Part No. - ADGS1408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
ADGS1412BCPZ AD-ADGS1412BCPZ Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
ADGS1412BCPZ-RL7 AD-ADGS1412BCPZ-RL7 Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
ADGS1414DBCCZ AD-ADGS1414DBCCZ Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
More results

Similar Description - ADGS1408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
ADGS1208 AD-ADGS1208 Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
1/2018-Revision 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com