Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54ST Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT54ST
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54ST Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT54ST Datasheet HTML 1Page - Rectron Semiconductor BAT54ST Datasheet HTML 2Page - Rectron Semiconductor BAT54ST Datasheet HTML 3Page - Rectron Semiconductor BAT54ST Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Diode
SOT-523
m
m
:t
i
n
U
0.2 +0.05
-0.05
1.0 +0.1
- 0. 1
1.6 +0.1
- 0.1
0.3±0.05
0.5 +0.1
- 0. 1
0.15±0.05
1
2
3
Features
Ultra-small surface mount package
Low forward voltage drop
Fast switching
PN junction guard ring for transient and ESD protection
Available in lead free version
Absolute M axim um R atings T a = 25
P aram eter
S ym bol
Lim its
U nit
N on-R epetitive P eak reverse voltage
V RM
V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
R
A verage R ectified O utput C urrent
Io
200
m A
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
d
150
m W
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
J
150
S torage Tem perature range
T STG
-65 to +150
30
V
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR = 100 A
30
V
Reverse voltage leakage current
IR
VR
2
V
5
2
=
A
IF
0
4
2
A
m
1
.
0
=
IF
0
2
3
A
m
1
=
IF
0
0
4
A
m
0
1
=
IF
0
0
5
A
m
0
3
=
IF
0
0
0
1
A
m
0
0
1
=
C
e
c
n
a
ti
c
a
p
a
c
l
a
t
o
T
T
VR
F
p
0
1
z
H
M
1
=
f,
V
1
=
t
e
m
it
y
r
e
v
o
c
e
r
e
s
r
e
v
e
R
rr
IF = 10mA, IR = 10mA 1mA,RL=100
5
ns
mV
V
e
g
a
tl
o
v
d
r
a
w
r
o
F
F
BAT54T
BAT54CT
BAT54ST
BAT54AT
Pin Configuration - Top View
BAT54T
(
AT)(CT)(ST)
Marking
Type
BAT54T
BAT54AT
BAT54CT
BAT54ST
Marking
L1
L2
L3
L4
Halogen-free
2019-09/08
REV:O
P//N suffix V means AEC-Q101 qq qualified, e.g:BAT54TV
q


Similar Part No. - BAT54ST

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54ST DIODES-BAT54ST Datasheet
176Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Weitron Technology
BAT54ST WEITRON-BAT54ST Datasheet
491Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAT54ST DIODES-BAT54ST Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
logo
Guangdong Kexin Industr...
BAT54ST KEXIN-BAT54ST Datasheet
35Kb / 1P
Switching Diode
logo
SeCoS Halbleitertechnol...
BAT54ST SECOS-BAT54ST Datasheet
94Kb / 2P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT54ST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com