Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST06-18CE Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # ST06-18CE
Description  TVS 26A, 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST06-18CE Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST06-18CE Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (unless otherwise specified : Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
MIN
TYP
MAX
Breakdown voltage
V
IR=1mA, Pulse measurement
16.8
19.1
V
Reverse current
I
VR=13V, Pulse measurement
5
μA
Electrostatic discharge
capability
V
C=330pF, R=330Ω, Polarity±, Aerial discharge ※
30
kV
Thermal resistance
Rth(j-l)
Junction to lead, On glass-epoxy substrate
15
℃/W
Thermal resistance
Rth(j-a)
Junction to ambient, On glass-epoxy substrate ※
115
℃/W
Thermal resistance
Rth(j-a)
Junction to ambient, On glass-epoxy substrate ※
172
℃/W
※︓See the original Specifications
BR
R
ESD
Shindengen Electric Manufacturing Co., Ltd.
2/6
ST06-18CE_Rev.01(2020.01)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com