Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST06-18CE Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # ST06-18CE
Description  TVS 26A, 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST06-18CE Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  ST06-18CE Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd ST06-18CE Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST06-18CE
TVS
26A, 600W
Feature
・Peak pulse power:600W
・Small SMD
・Based on AEC-Q101
・Pb free terminal
・RoHS:Yes
OUTLINE
Package (House Name): CE
Package (JEITA Code): SC-110B
Equivalent circuit
Absolute Maximum Ratings (unless otherwise specified : Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage temperature
Tstg
-55 to 175
℃
Operating junction temperature
Tj
-55 to 175
℃
Maximum surge reverse current
I
10/1000μs, Non-repetitive, Exponential wave ※
26
A
Maximum surge reverse power
P
10/1000μs, Non-repetitive
600
W
Continuous (direct) reverse
voltage
V
13
V
※︓See the original Specifications
RSM
RSM
R(DC)
Shindengen Electric Manufacturing Co., Ltd.
1/6
ST06-18CE_Rev.01(2020.01)


Similar Part No. - ST06-18CE

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
TVS 14A, 600W
ST06-36CE SHINDENGEN-ST06-36CE Datasheet
1Mb / 6P
TVS 12.4A, 600W
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
TVS 11A, 600W
More results

Similar Description - ST06-18CE

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SMBJ5.0 DIGITRON-SMBJ5.0 Datasheet
188Kb / 4P
SURFACE MOUNT 600W TVS
logo
SeCoS Halbleitertechnol...
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
logo
Will Semiconductor Ltd.
SPD82362B WILLSEMI-SPD82362B Datasheet
462Kb / 3P
1-Line, 600W, TVS
SPD82152B WILLSEMI-SPD82152B Datasheet
462Kb / 3P
1-Line, 600W, TVS
SPD826.52B WILLSEMI-SPD826.52B Datasheet
128Kb / 3P
1-Line, 600W, TVS
logo
Shindengen Electric Mfg...
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
TVS 14A, 600W
ST06-36CE SHINDENGEN-ST06-36CE Datasheet
1Mb / 6P
TVS 12.4A, 600W
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
TVS 11A, 600W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com