Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITPL2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ITPL2
Description  MOUNTING POLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ITPL2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ITPL2 Datasheet HTML 1Page - M-System Co.,Ltd. ITPL2 Datasheet HTML 2Page - M-System Co.,Ltd. ITPL2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: ITPL2
http://www.m-system.co.jp/
ITPL2 SPECIFICATIONS
ES-2401 Rev.0 Page 1/3
Tower Light Series
MOUNTING POLE
Functions & Features
• Used for mounting Tower Light Series
• L-shaped mount and circular base mount are selectable
MODEL: ITPL2–[1]030
ORDERING INFORMATION
• Code number: ITPL2-[1]030
Specify a code from below for [1].
(e.g. ITPL2-C030)
[1] TYPE
C: circular base mount
L: L-shaped mount
LENGTH
030: 30 cm (9.8 ft.)
Pole length is changeable (special option).
Consult M-System.
GENERAL SPECIFICATIONS
Degree of protection:
• Circular base mount: IP65
• L-shaped mount: IP13
(When used in combination with Tower Light Series)
Material
Pole: Steel
Circular base: Aluminium
L-shaped bracket: Steel
AVAILABLE MODELS
Tower Light Series IT40SA2, IT50SA2, IT60SA2
INSTALLATION
Weight: Approx. 0.5 kg (1.10 lb) for circular base mount
Approx. 0.4 kg (0.88 lb) for L-shaped mount


Similar Part No. - ITPL2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
ITPL-1030 MSYSTEM-ITPL-1030 Datasheet
91Kb / 2P
Tower Light Series
ITPL-2030 MSYSTEM-ITPL-2030 Datasheet
91Kb / 2P
Tower Light Series
More results

Similar Description - ITPL2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701205 PHOENIX-2701205 Datasheet
54Kb / 3P
Mounting material - FL RUGGED BOX POLE SET
logo
Schneider Electric
K2C003HLH SCHNEIDER-K2C003HLH Datasheet
171Kb / 3P
cam switch - 3-pole - 90째 - 20 A - screw mounting
Feb 3, 2022
K30A001AP SCHNEIDER-K30A001AP Datasheet
193Kb / 10P
cam switch - 1 pole - 60째 - 32 A - screw mounting
Feb 3, 2022
K30C003AP SCHNEIDER-K30C003AP Datasheet
192Kb / 10P
cam switch - 3-pole - 60째 - 32 A - screw mounting
Feb 3, 2022
K30D004AP SCHNEIDER-K30D004AP Datasheet
159Kb / 10P
cam switch - 4-pole - 60째 - 32 A - screw mounting
Feb 3, 2022
K50C003HP SCHNEIDER-K50C003HP Datasheet
140Kb / 10P
cam switch - 3-pole - 90째 - 50 A - screw mounting
Feb 3, 2022
K50D004HP SCHNEIDER-K50D004HP Datasheet
140Kb / 10P
cam switch - 4-pole - 90째 - 50 A - screw mounting
Feb 3, 2022
K115C003AP SCHNEIDER-K115C003AP Datasheet
172Kb / 10P
cam switch - 3-pole - 60째 - 115 A - screw mounting
Feb 3, 2022
K63D004AP SCHNEIDER-K63D004AP Datasheet
192Kb / 10P
cam switch - 4-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
logo
CamdenBoss Ltd.
CRBC35 CAMDENBOSS-CRBC35 Datasheet
265Kb / 1P
1 & 2 Pole PCB Mounting Relay Bases
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com