Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITPL2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ITPL2
Description  MOUNTING POLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ITPL2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ITPL2 Datasheet HTML 1Page - M-System Co.,Ltd. ITPL2 Datasheet HTML 2Page - M-System Co.,Ltd. ITPL2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: ITPL2
http://www.m-system.co.jp/
ITPL2 SPECIFICATIONS
ES-2401 Rev.0 Page 2/3
DIMENSIONS unit: mm
40±1.5 dia.
40±1.5 dia.
■ CIRCULAR BASE MOUNT TYPE
■ L-SHAPED MOUNT TYPE
30±1.5
3±0.5
17.3±1 dia.
(12.7±1 inside dia.)
17.3±1 dia.
(12.7±1 inside dia.)
* Not included with product pakage.
2 Bolts (M8)*
Rubber Bush
2 Washers*
2 Spring Washers*
2 Nuts*
M17 Nut
Mounting Bracket
94±1.5 dia.
4 Washers
4 Spring Washers
4 Nuts
Gasket
4 Screws (M5 × 20)
MOUNTING REQUIREMENTS unit: mm (inch)
32 (1.26)
Front (Buzzer)
73 (2.87)
dia.
2 Holes [9 (.35) dia.)]
4 Holes [6 (.24) dia.]
■ CIRCULAR BASE MOUNT TYPE
■ L-SHAPED MOUNT TYPE
* Protect wires to prevent scratching them on edges.
Determine the hole diameter according to the size of the wires.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com