Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-CU-3-11-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # JC-CU-3-11-R
Description  HUB MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-CU-3-11-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  JC-CU-3-11-R Datasheet HTML 1Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 2Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 3Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 4Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 5Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 6Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 7Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 8Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MODEL: JC-CU
JC-CU SPECIFICATIONS
ES-9042 Rev.2 Page 4/9
https://www.m-system.co.jp/
CONNECTION DIAGRAMS
1. PWR +
Power Supply
2. PWR −
Power Supply
3. FE
Functional earth
1 
2
3 
Cable connector: TFMC1,5 / 5–STF–3,5
(Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE
0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ
0.34 mm2 (Phoenix Contact)
• AI0,5−10WH
0.5 mm2 (Phoenix Contact)
• AI0,75−10GY
0.75 mm2 (Phoenix Contact)
• A1−10
1.0 mm2 (Phoenix Contact)
• A1,5−10
1.5 mm2 (Phoenix Contact)
■ POWER SUPPLY
■ NETWORK
Reccommended cable connector
: TM21P–88P (Hirose Electric)
(not included in the package)
1
2
3
4
5
6
7
8
1. NC
2. NC
3. TR+
4. TR–
5. NC
6. NC
7. NC
8. SLD
Unused
Unused
Network (+)
Network (–)
Unused
Unused
Unused
Shield
Feeder (CU1, CU2, CU3, CU4, CU5, CU6)
1. NC
2. NC
3. TR+
4. TR–
5. NC
6. NC
7. NC
8. SLD
Unused
Unused
Network (+)
Network (–)
Unused
Unused
Unused
Shield
Trunk (CU0A, CU0B)
• COMMUNICATION CONNECTOR PIN ASSIGNMENT CODE: 1
1
2
3
4
5
6
7
8
1. NC
2. NC
3. NC
4. TR–
5. TR+
6. NC
7. NC
8. SLD
Unused
Unused
Unused
Network (–)
Network (+)
Unused
Unused
Shield
Feeder (CU1, CU2, CU3, CU4, CU5, CU6)
1. NC
2. NC
3. NC
4. TR–
5. TR+
6. NC
7. NC
8. SLD
Unused
Unused
Unused
Network (–)
Network (+)
Unused
Unused
Shield
Trunk (CU0A, CU0B)
• COMMUNICATION CONNECTOR PIN ASSIGNMENT CODE: 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com