Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-CU-3-11-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # JC-CU-3-11-R
Description  HUB MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-CU-3-11-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  JC-CU-3-11-R Datasheet HTML 1Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 2Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 3Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 4Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 5Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 6Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 7Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 8Page - M-System Co.,Ltd. JC-CU-3-11-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: JC-CU
JC-CU SPECIFICATIONS
ES-9042 Rev.2 Page 5/9
https://www.m-system.co.jp/
■ CONNECTION WITH OTHERS
CUnet I/O Module
CUnet I/O Module
CUnet I/O Module
HUB Module
Trunk CU0A/CU0B
Feeder CU1 – CU6
TR+
TR−
SLD
TR+
TR−
SLD
TR+
TR−
SHIELD
TR+
TR−
SLD
TR+
TR−
SLD
Terminating
Resistor
Terminating
Resistor
Terminating
Resistor
Terminating
Resistor
Note: Be sure to turn ON the switch of the terminating resistor located at both ends of the modules.
DIMENSIONS unit: mm (inch)
50(1.97)
[3(.12)]
[4(.16)]
73(2.87)
55(2.17)
DIN RAIL
(35 mm wide)
2–4.3 (.17) dia Mtg Hole
4 (.16) deep



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com