Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-CU-7-12-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # JC-CU-7-12-R
Description  HUB MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-CU-7-12-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

  JC-CU-7-12-R Datasheet HTML 1Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 2Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 3Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 4Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 5Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 6Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 7Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 8Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MODEL: JC-CU
JC-CU SPECIFICATIONS
ES-9042 Rev.2 Page 9/9
https://www.m-system.co.jp/
SYSTEM CONFIGURATION EXAMPLES
System configurration example of Number of inserted HUBs: 2 is shown below.
The number of inserted HUBs is determined by the route, where max. number of HUB is gone through, out of all route.
When HUB module is used, the frame option must be set in any CUnet I/O module connected to the network. Refer to the
instruction manual of your CUnet I/O module for the detailed settings.
Rt : Terminating Resistor
Rt
Rt
Rt
Rt
Rt
Rt
Rt
HUB Module
(Model: JC−CU)
HUB Module
(Model: JC−CU)
CUnet
I/O Module
CUnet
I/O Module
CUnet
I/O Module
Note 1) Max. transmission distance between CUnet I/O module and HUB module, HUB module and HUB module is as follows.
100 m at 12 Mbps, 200 m at 6 Mbps and 300 m at 3 Mbps.
Note 2) Be sure to connect CU0A/CU0B to the host side.
Note 3) The terminating resistor must be enabled for the modules at both end of the communication line. The terminating resistor is
incorporated in the feeder side port of the HUB module.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com