Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-CU-7-12-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JC-CU-7-12-R
Description  HUB MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-CU-7-12-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JC-CU-7-12-R Datasheet HTML 1Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 2Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 3Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 4Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 5Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 6Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 7Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 8Page - M-System Co.,Ltd. JC-CU-7-12-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: JC-CU
JC-CU SPECIFICATIONS
ES-9042 Rev.2 Page 1/9
https://www.m-system.co.jp/
Remote I/O JC Series
HUB MODULE
(CUnet use)
53
(2.09)
mm (inch)
73
(2.87)
115
(4.52)
MODEL: JC–CU-[1]-1[2]-[3][4]
ORDERING INFORMATION
• Code number: JC-CU-[1]-1[2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. JC-CU-7-12-R/Q)
• Specify the specification for option code /Q
(e.g. /SET)
[1] I/O TYPE
3: 3 port (trunk 1 port, feeder 2 port)
7: 7 port (trunk 1 port, feeder 6 port)
TERMINAL BLOCK
1: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
[2] COMMUNICATION CONNECTOR PIN ASSIGNMENT
1: 3, 4 pair wiring
2: 4, 5 pair wiring
(Ethernet LAN cable pin assignment)
[3] POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R5: 16 - 32 V DC
(Operational voltage range 15 - 33 V DC, ripple 10 %p-p max.)
[4] OPTIONS
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9042)
FUNCTIONS & FEATURES
The HUB Module for CUnet (model: JC-CU) extends total
length of network cable and branch cable of CUnet. Total
max. length is 900 m when transfer rate is 3 Mbps. In order
to connect the JC-CU, the unit configuring CUnet must
support HUB module.
GENERAL SPECIFICATIONS
Number of port:
JC-CU-3: Trunk 1 port, feeder 2 port
JC-CU-7: Trunk 1 port, feeder 6 port
Max. number of inserted HUBs: 2
(Depending on specification of CUnet I/O unit)
Connectable devices: The products conforming to CUnet
Connection
Network: RJ-45 Modular Jack
Power input: Separable tension clamp terminal
Power on LED: PWR (green) turns on while the power is
supplied.
CUnet COMMUNICATION
Communication mode: half-duplex
Network cable
• Shield cable
ZHY262PS (Shinko Seisen Industry Co., Ltd.)
ZHT262PS (Shinko Seisen Industry Co., Ltd.)
• Dual-shield cable
ZHY262PBA (Shinko Seisen Industry Co., Ltd.)
Transmission distance / Transfer rate:
Refer to the table below (Selectable with
DIP switch. Factory default: 12 Mbps)
Terminating resistor:
Trunk built-in (Selectable with DIP switch. Factory default:
disable)
Feeder built-in
Status indicator LEDs: ERR, LNK
(Refer to the instruction manual for details)


Similar Part No. - JC-CU-7-12-R

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
JC-0109-19 JAM-JC-0109-19 Datasheet
43Kb / 1P
JB terminal JB Terminal S type S-Type
17.7.21
JC-0109-20 JAM-JC-0109-20 Datasheet
33Kb / 1P
JB terminal JB Terminal L type L-Type
02.12.17
JC-0118-18 JAM-JC-0118-18 Datasheet
36Kb / 1P
JC Terminal S-Type
JC-0118-19 JAM-JC-0118-19 Datasheet
38Kb / 1P
JC Terminal L-Type
JC-0622-067 JAM-JC-0622-067 Datasheet
35Kb / 1P
Pin Contact Pin Contact
13.09.10
More results

Similar Description - JC-CU-7-12-R

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6307S PCA-EPE6307S Datasheet
252Kb / 1P
Multiport Module for Switched Hub Transceivers
EPE6066 PCA-EPE6066 Datasheet
171Kb / 1P
10Base-T Hub Module
logo
Advantech Co., Ltd.
BB-USBHUB4OEM ADVANTECH-BB-USBHUB4OEM Datasheet
210Kb / 2P
Four-port USB Hub ??OEM Module
USBHUB4OEM ADVANTECH-USBHUB4OEM Datasheet
582Kb / 2P
Four-port USB Hub ??OEM Module
logo
Pepperl+Fuchs Inc.
HD2-FBPS-1.17.500 PF-HD2-FBPS-1.17.500 Datasheet
1Mb / 3P
Fieldbus Power Hub, Power Supply Module
HD2-FBPS-1.23.500 PF-HD2-FBPS-1.23.500 Datasheet
1Mb / 3P
Fieldbus Power Hub, Power Supply Module
HD2-FBPS-1.500 PF-HD2-FBPS-1.500 Datasheet
1Mb / 3P
Fieldbus Power Hub, Power Supply Module
HD2-GTR-4PA.PN PF-HD2-GTR-4PA.PN Datasheet
1Mb / 6P
PROFINET Power Hub, Gateway Module
HD2-DM-A PF-HD2-DM-A Datasheet
1Mb / 6P
Fieldbus Power Hub, Advanced Diagnostic Module
HD2-GTR-4PA PF-HD2-GTR-4PA Datasheet
932Kb / 4P
PROFIBUS Power Hub, Gateway Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com