Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 2 Page - Texas Instruments

  CDCE706 Datasheet HTML 1Page - Texas Instruments CDCE706 Datasheet HTML 2Page - Texas Instruments CDCE706 Datasheet HTML 3Page - Texas Instruments CDCE706 Datasheet HTML 4Page - Texas Instruments CDCE706 Datasheet HTML 5Page - Texas Instruments CDCE706 Datasheet HTML 6Page - Texas Instruments CDCE706 Datasheet HTML 7Page - Texas Instruments CDCE706 Datasheet HTML 8Page - Texas Instruments CDCE706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
CDCE706
SCAS815A – OCTOBER 2005 – REVISED OCTOBER 2005
To achieve an independent output frequency the reference divider M and the feedback divider N for each PLL
can be set to values from 1 up to 511 for the M-Divider and from 1 up to 4095 for the N-Divider. The PLL-VCO
(voltage controlled oscillator) frequency than is routed to the free programmable output switching matrix to any of
the six outputs. The switching matrix includes an additional 7-bit post-divider (1-to-127) and an inverting logic for
each output. The individual selectable inverting logic allows two LVCMOS outputs to work as pseudo differential
signal (0 degrees and 180 degree phase shift).
The deep M/N divider ratio allows the generation of zero ppm clocks from e.g., a 27-MHz reference input
frequency.
The CDCE706 includes three PLLs of those one supports SSC (spread-spectrum clocking). PLL1, PLL2, and
PLL3 are designed for frequencies up to 300 MHz and optimized for zero-ppm applications with wide divider
factors.
PLL2 also supports center-spread and down-spread spectrum clocking (SSC) which effectively lower the energy
for the selected frequency range. The electro-magnetic interference (EMI) will be significantly reduced. Also, the
slew-rate controllable (SRC) output edges minimize EMI noise.
Based on the PLL frequency and the divider settings, the internal loop filter components will be automatically
adjusted to achieve high stability and optimized jitter transfer characteristic of the PLL.
The device supports non-volatile EEPROM programming for ease-customized application. It is pre-programmed
with a factory default configuration (see Figure 8) and can be re-programmed to a different application
configuration before it goes onto the PCB or re-programmed by in-system programming. A different register
setting is programmed via the serial SMBus Interface.
Two free programmable inputs, S0 and S1, can be used to control for each application the most demanding logic
control settings (outputs disable to low, outputs 3-state, power down, PLL bypass, etc).
The CDCE706 has three power supply pins, V
CC, VCCOUT1 and VCCOUT2. VCC is the power supply for the device. It
operates from a single 3.3-V supply voltage. V
CCOUT1 and VCCOUT2 are the power supply pins for the outputs.
V
CCOUT1 supplies the outputs Y0 and Y1 and VCCOUT2 supplies the outputs Y2, Y3, Y4, and Y5. Both outputs
supplies can be 2.3 V to 3.6 V.
The CDCE706 is characterized for operation from –40
°C to 85°C.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com