Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 17Page - Texas Instruments CDCE706 Datasheet HTML 18Page - Texas Instruments CDCE706 Datasheet HTML 19Page - Texas Instruments CDCE706 Datasheet HTML 20Page - Texas Instruments CDCE706 Datasheet HTML 21Page - Texas Instruments CDCE706 Datasheet HTML 22Page - Texas Instruments CDCE706 Datasheet HTML 23Page - Texas Instruments CDCE706 Datasheet HTML 24Page - Texas Instruments CDCE706 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
MUX
9−Bit Divider M
1 .. 511
PLLx
12−Bit Divider N
1 .. 4095
PFD
Filter
VCO
SSC
(PLL2 only)
Input Clock
Programming
PLL output
SSC output
(PLL2 Only)
VCO Bypass
Spread Spectrum Clocking and EMI Reduction
CDCE706
SCAS815A – OCTOBER 2005 – REVISED OCTOBER 2005
Figure 13. PLL Architecture
All three PLLs are designed for easiest configuration. The user just has to define the input and output
frequencies or the divider (M, N, P) setting respectively. All other parameters, such as charge-pump current, filter
components, phase margin, or loop bandwidth are controlled and set by the device itself. This assures optimized
jitter attenuation and loop stability.
The PLL support normal-speed mode (80 MHz
≤ f
VCO≤ 167 MHz) and high-speed mode (150 MHz ≤ fVCO≤ 300
MHz) which can be selected by PLLxFVCO (Bit [7:5] of Byte 6). The respective speed option assures stable
operation and lowest jitter.
The divider M and divider N operates internally as fractional divider for fVCO up to 250 MHz. This allows fractional
divider ratio for zero ppm output clock error.
In case of fVCO > 250 MHz, it is recommended that integer factors of N/M are used only.
For optimized jitter performance, keep divider M as small as possible. Also, the fractional divider concept
requires a PPL divider configuration, M
≤ N (or N/M ≥ 1).
Additionally, each PLL supports two bypass options:
•
PLL Bypass and
•
VCO Bypass
In PLL bypass mode, the PLL completely is bypassed, so that the input clock is switched directly to the
Output-Switch-A (SWAPxx of Byte 9 to12). In the VCO bypass mode, only the VCO of the respective PLL is
bypassed by setting PLLxMUX to 1 (Bit [7:5] of Byte 3). But the divider M still is useable and expands the output
divider by additional 9-bits. This gives a total divider range of M x P = 511
× 127 = 64897. In VCO bypass mode
the respective PLL block is powered down and minimizes current consumption.
Table 3. Example for Divide, Multiplication, and Bypass Operation
Function
Equation(1)
fIN
fOUT-desired
fOUT-actual
Divider
fVCO [MHz]
[MHz]
[MHz]
[MHz]
M
N
P
N/M
Fractional(2)
fOUT = fIN x (N/M)/P
30.72
155.52
155.52
16
81
1
5.0625
155.52
Integer Factor(3)
fOUT = fIN x (N/M)/P
27
270
270
1
10
1
10
270
VCO bypass
fOUT = fIN/(M x P)
30.72
0.06
0.06
8
—
64
—
—
(1)
P-divider of Output-Switch-Matrix is included in the calculation.
(2)
Fractional operation for fVCO≤ 250 MHz.
(3)
Integer operation for fVCO > 250 MHz.
In addition to the basic PLL function, PLL2 supports spread spectrum clocking (SSC) as well. Thus, PLL 2
features two outputs, a SSC output and a non-SSC output. Both outputs can be used in parallel. The mean
phase of the Center Spread SSC modulated signal is equal to the phase of the non-modulated input frequency.
SSC is selected by Output-Switch-A (SWAPxx of Byte 9 to 12).
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com