Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011 Datasheet(PDF) 149 Page - Microchip Technology

Part # DSPIC30F2011
Description  High-Performance Digital Signal Controllers
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011 Datasheet(HTML) 149 Page - Microchip Technology

Back Button DSPIC30F2011 Datasheet HTML 145Page - Microchip Technology DSPIC30F2011 Datasheet HTML 146Page - Microchip Technology DSPIC30F2011 Datasheet HTML 147Page - Microchip Technology DSPIC30F2011 Datasheet HTML 148Page - Microchip Technology DSPIC30F2011 Datasheet HTML 149Page - Microchip Technology DSPIC30F2011 Datasheet HTML 150Page - Microchip Technology DSPIC30F2011 Datasheet HTML 151Page - Microchip Technology DSPIC30F2011 Datasheet HTML 152Page - Microchip Technology DSPIC30F2011 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 207 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70139C-page 147
dsPIC30F2011/2012/3012/3013
TABLE 20-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20
—
—
mA
-40°C
3.3V
1 MIPS EC mode
DC20a
TBD
—
mA
25°C
DC20b
—
—
mA
85°C
DC20c
—
—
mA
125°C
DC20d
—
—
mA
-40°C
5V
DC20e
TBD
—
mA
25°C
DC20f
—
—
mA
85°C
DC20g
—
—
mA
125°C
DC23
—
—
mA
-40°C
3.3V
4 MIPS EC mode, 4X PLL
DC23a
TBD
—
mA
25°C
DC23b
—
—
mA
85°C
DC23c
—
—
mA
125°C
DC23d
—
—
mA
-40°C
5V
DC23e
TBD
—
mA
25°C
DC23f
—
—
mA
85°C
DC23g
—
—
mA
125°C
DC24
—
—
mA
-40°C
3.3V
10 MIPS EC mode, 4X PLL
DC24a
TBD
—
mA
25°C
DC24b
—
—
mA
85°C
DC24c
—
—
mA
125°C
DC24d
—
—
mA
-40°C
5V
DC24e
TBD
—
mA
25°C
DC24f
—
—
mA
85°C
DC24g
—
—
mA
125°C
DC25
—
—
mA
-40°C
3V
8 MIPS EC mode, 8X PLL
DC25a
TBD
—
mA
25°C
DC25b
—
—
mA
85°C
DC25c
—
—
mA
125°C
DC25d
—
—
mA
-40°C
5V
DC25e
TBD
—
mA
25°C
DC25f
—
—
mA
85°C
DC25g
—
—
mA
125°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as Inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data
Memory are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com