Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011 Datasheet(PDF) 152 Page - Microchip Technology

Part # DSPIC30F2011
Description  High-Performance Digital Signal Controllers
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011 Datasheet(HTML) 152 Page - Microchip Technology

Back Button DSPIC30F2011 Datasheet HTML 148Page - Microchip Technology DSPIC30F2011 Datasheet HTML 149Page - Microchip Technology DSPIC30F2011 Datasheet HTML 150Page - Microchip Technology DSPIC30F2011 Datasheet HTML 151Page - Microchip Technology DSPIC30F2011 Datasheet HTML 152Page - Microchip Technology DSPIC30F2011 Datasheet HTML 153Page - Microchip Technology DSPIC30F2011 Datasheet HTML 154Page - Microchip Technology DSPIC30F2011 Datasheet HTML 155Page - Microchip Technology DSPIC30F2011 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 207 page
background image
dsPIC30F2011/2012/3012/3013
DS70139C-page 150
Preliminary
© 2005 Microchip Technology Inc.
DC47
—
—
mA
-40°C
3.3V
20 MIPS EC mode, 8X PLL
DC47a
TBD
—
mA
25°C
DC47b
—
—
mA
85°C
DC47c
—
—
mA
-40°C
5V
DC47d
TBD
—
mA
25°C
DC47e
—
—
mA
85°C
DC47f
—
—
mA
125°C
DC48
—
—
mA
-40°C
3.3V
16 MIPS EC mode, 16X PLL
DC48a
TBD
—
mA
25°C
DC48b
—
—
mA
85°C
DC48c
—
—
mA
-40°C
5V
DC48d
TBD
—
mA
25°C
DC48e
—
—
mA
85°C
DC48f
—
—
mA
125°C
DC49
—
—
mA
-40°C
5V
30 MIPS EC mode, 16X PLL
DC49a
TBD
—
mA
25°C
DC49b
—
—
mA
85°C
DC49c
—
—
mA
125°C
DC50
—
—
mA
-40°C
3.3V
FRC (~ 2 MIPS)
DC50a
TBD
—
mA
25°C
DC50b
—
—
mA
85°C
DC50c
—
—
mA
125°C
DC50d
—
—
mA
-40°C
5V
DC50e
TBD
—
mA
25°C
DC50f
—
—
mA
85°C
DC50g
—
—
mA
125°C
DC51
—
—
mA
-40°C
3.3V
LPRC (~ 512 kHz)
DC51a
TBD
—
mA
25°C
DC51b
—
—
mA
85°C
DC51c
—
—
mA
125°C
DC51d
—
—
mA
-40°C
5V
DC51e
TBD
—
mA
25°C
DC51f
—
—
mA
85°C
DC51g
—
—
mA
125°C
TABLE 20-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core OFF Clock ON Base Current(2)
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base IIDLE current is measured with Core off, Clock on and all modules turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com