Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7030 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 9Page - Analog Devices ADF7030 Datasheet HTML 10Page - Analog Devices ADF7030 Datasheet HTML 11Page - Analog Devices ADF7030 Datasheet HTML 12Page - Analog Devices ADF7030 Datasheet HTML 13Page - Analog Devices ADF7030 Datasheet HTML 14Page - Analog Devices ADF7030 Datasheet HTML 15Page - Analog Devices ADF7030 Datasheet HTML 16Page - Analog Devices ADF7030 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADF7030
RF INPUT POWER (dBm)
0
1
2
3
4
5
6
7
8
9
10
–120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10
0
10
Figure 11. Packet Error Rate vs. RF Input Power,
Data Rate = 2.4 kbps, VDD = 3.0 V, TA = 25°C
RF INPUT POWER (dBm)
0
1
2
3
4
5
6
7
8
9
10
–120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10
0
10
Figure 12. Packet Error Rate vs. RF Input Power,
Data Rate = 4.8 kbps, VDD = 3.0 V, TA = 25°C
FREQUENCY (MHz)
–10
0
10
20
30
40
50
60
70
80
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
+25°C, 2.2V
+25°C, 3.6V
+85°C, 2.2V
+85°C, 3.6V
–40°C, 2.2V
–40°C, 3.6V
Figure 13. Receiver Close-In Blocking vs. Temperature and VDD,
Data Rate = 2.4 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of PER = 5%, PER-Based Test
FREQUENCY (MHz)
–10
0
10
20
30
40
50
60
70
80
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
+25°C, 2.2V
+25°C, 3.6V
+85°C, 2.2V
+85°C, 3.6V
–40°C, 2.2V
–40°C, 3.6V
Figure 14. Receiver Close-In Blocking vs. Temperature and VDD,
Data Rate = 4.8 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of PER = 5%, PER-Based Test
FREQUENCY (kHz)
–10
0
10
20
30
40
50
60
70
80
–200 –175 –150 –125 –100 –75 –50 –25
0
25
50
75
100
–40°C, 2.2V
–40°C, 3.6V
+25°C, 2.2V
+25°C, 3.6V
+85°C, 2.2V
+85°C, 3.6V
Figure 15. Receiver Close-In Blocking vs. Temperature and VDD,
Data Rate = 2.4 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of BER = 0.1%, BER-Based Test
FREQUENCY (kHz)
–10
0
10
20
30
40
50
60
70
80
–200 –175 –150 –125 –100 –75 –50 –25
0
25
50
75
100
–40°C, 2.2V
–40°C, 3.6V
+25°C, 2.2V
+25°C, 3.6V
+85°C, 2.2V
+85°C, 3.6V
Figure 16. Receiver Close-In Blocking vs. Temperature and VDD,
Data Rate = 4.8 kbps, CW Interferer, Wanted Signal 3 dB Above the
Sensitivity Level of BER = 0.1%, BER-Based Test
Rev. 0 | Page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com