Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7030 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF7030
Description  High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7030 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF7030 Datasheet HTML 16Page - Analog Devices ADF7030 Datasheet HTML 17Page - Analog Devices ADF7030 Datasheet HTML 18Page - Analog Devices ADF7030 Datasheet HTML 19Page - Analog Devices ADF7030 Datasheet HTML 20Page - Analog Devices ADF7030 Datasheet HTML 21Page - Analog Devices ADF7030 Datasheet HTML 22Page - Analog Devices ADF7030 Datasheet HTML 23Page - Analog Devices ADF7030 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADF7030
SUPPORTED RADIO CONFIGURATIONS
To eliminate many of the RF related design challenges users
typically face, Analog Devices, Inc., provides a set of optimized
radio profile configurations for the ADF7030.
The configurations ensure that the RF communication layer
operates seamlessly, thereby allowing the user to concentrate on
the protocol and system level design. Three radio configurations
are supported in total, described in Table 14.
Table 14. Supported Radio Configurations
Radio Profile
Operation
Supported
Data
Rate
(kbps)
Modulation
Frequency
Deviation
(kHz)
Receiver
Bandwidth
(kHz)
Channel
Spacing (kHz)
Receiver Frequency
Tolerance (kHz)
ADF7030_USECASE_0
Tx and Rx
2.4
2GFSK
2.4
8.7
12.5
±2
ADF7030_USECASE_2
Tx and Rx
4.8
2GFSK
2.4
10.6
12.5
±2
ADF7030_USECASE_9
Tx only
6.4
4GFSK
3.2
Not applicable
Not applicable
Not applicable
Rev. 0 | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com