Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
8.3.7 Configurable Soft Start (SS/TRK)
After the EN/UVLO pin exceeds its rising threshold of 1.2 V, the LM5145-Q1 begins charging the output to the
DC level dictated by the feedback resistor network. The LM5145-Q1 features an adjustable soft start (set by a
capacitor from the SS/TRK pin to GND) that determines the charging time of the output. A 10-µA current source
charges this soft-start capacitor. Soft start limits inrush current as a result of high output capacitance to avoid
an overcurrent condition. Stress on the input supply rail is also reduced. The soft-start time, tSS, for the output
voltage to ramp to its nominal level is set by Equation 4.
SS
REF
SS
SS
C
V
t
I
˜
(4)
where
• CSS is the soft-start capacitance
• VREF is the 0.8-V reference
• ISS is the 10-µA current sourced from the SS/TRK pin
More simply, calculate CSS using Equation 5.
SS
SS
C
nF
12.5 t
ms
˜
ª
º
ª
º
¬
¼
¬
¼
(5)
The SS/TRK pin is internally clamped to VFB + 115 mV to allow a soft start recovery from an overload event.
The clamp circuit requires a soft-start capacitance greater than 2 nF for stability and has a current limit of
approximately 2 mA.
8.3.7.1 Tracking
The SS/TRK pin also doubles as a tracking pin when master-slave power-supply tracking is required. This
tracking is achieved by simply dividing down the output voltage of the master with a simple resistor network.
Coincident, ratiometric, and offset tracking modes are possible.
If an external voltage source is connected to the SS/TRK pin, the external soft-start capability of the LM5145-Q1
is effectively disabled. The regulated output voltage level is reached when the SS/TRK pin reaches the 0.8-V
reference voltage level. It is the responsibility of the system designer to determine if an external soft-start
capacitor is required to keep the device from entering current limit during a start-up event. Likewise, the system
designer must also be aware of how fast the input supply ramps if the tracking feature is enabled.
PGOOD
2V/DIV
VOUT 1V/DIV
SS/TRK
160mV/DIV
94% VOUT
92% VOUT
10 ms/DIV
Figure 8-6. Typical Output Voltage Tracking and PGOOD Waveforms
Figure 8-6 shows a triangular voltage signal directly driving SS/TRK and the corresponding output voltage
tracking response. Nominal output voltage here is 5 V, with oscilloscope channel scaling chosen such that the
www.ti.com
LM5145-Q1
SNVSBU9 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM5145-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com