Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
The high-side gate driver works in conjunction with an integrated bootstrap diode and external bootstrap
capacitor, CBST. When the low-side MOSFET conducts, the SW voltage is approximately at 0 V and CBST is
charged from VCC through the integrated boot diode. Connect a 0.1-μF or larger ceramic capacitor close to the
BST and SW pins.
Furthermore, there is a proprietary adaptive dead-time control on both switching edges to prevent shoot-through
and cross-conduction, minimize body diode conduction time, and reduce body diode reverse recovery losses.
8.3.10 Current Sensing and Overcurrent Protection (ILIM)
The LM5145-Q1 implements a lossless current sense scheme designed to limit the inductor current during an
overload or short-circuit condition. Figure 8-8 portrays the popular current sense method using the on-state
resistance of the low-side MOSFET. Meanwhile, Figure 8-9 shows an alternative implementation with current
shunt resistor, RS. The LM5145-Q1 senses the inductor current during the PWM off-time (when LO is high).
VIN
VOUT
GND
L
F
R
ILIM
ILIM
C
OUT
Q
2
Q
1
SW
LO
HO
Figure 8-8. MOSFET RDS(on) Current Sensing
VIN
VOUT
GND
L
F
C
OUT
Q
2
Q
1
SW
LO
HO
R
ILIM
ILIM
R
S
Figure 8-9. Shunt Resistor Current Sensing
The ILIM pin of the LM5145-Q1 sources a reference current that flows in an external resistor, designated RILIM,
to program of the current limit threshold. A current limit comparator on the ILIM pin prevents further SW pulses if
the ILIM pin voltage goes below GND. Figure 8-10 shows the implementation.
Resistor RILIM is tied to SW to use the RDS(on) of the low-side MOSFET as a sensing element (termed RDS(on)
mode). Alternatively, RILIM is tied to a shunt resistor connected at the source of the low-side MOSFET (termed
RSENSE mode). The LM5145-Q1 detects the appropriate mode at start-up and sets the source current amplitude
and temperature coefficient (TC) accordingly.
The ILIM current with RDS-ON sensing is 200 µA at 27°C junction temperature and incorporates a TC of +4500
ppm/°C to generally track the RDS(on) temperature variation of the low-side MOSFET. Conversely, the ILIM
current is a constant 100 µA in RSENSE mode. This controls the valley of the inductor current during a steady-
state overload at the output. Depending on the chosen mode, select the resistance of RILIM using Equation 6.
OUT
L
DS(on)Q2
DS(on)
RDSON
ILIM
OUT
L
S
RS
I
I 2
R
, R
sensing
I
R
I
I 2
R , shunt sensing
I
'
-
˜
°
°
®
'
°
˜
°
¯
(6)
where
• ΔIL is the peak-to-peak inductor ripple current
• RDS(on)Q2 is the on-state resistance of the low-side MOSFET
• IRDSON is the ILIM pin current in RDS-ON mode
• RS is the resistance of the current-sensing shunt element
www.ti.com
LM5145-Q1
SNVSBU9 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM5145-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com