Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2652R Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 4 Page - Texas Instruments

  CC2652R Datasheet HTML 1Page - Texas Instruments CC2652R Datasheet HTML 2Page - Texas Instruments CC2652R Datasheet HTML 3Page - Texas Instruments CC2652R Datasheet HTML 4Page - Texas Instruments CC2652R Datasheet HTML 5Page - Texas Instruments CC2652R Datasheet HTML 6Page - Texas Instruments CC2652R Datasheet HTML 7Page - Texas Instruments CC2652R Datasheet HTML 8Page - Texas Instruments CC2652R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................2
3.1 Functional Block Diagram........................................... 3
4 Revision History.............................................................. 4
5 Device Comparison......................................................... 5
6 Terminal Configuration and Functions..........................6
6.1 Pin Diagram – RGZ Package (Top View)....................6
6.2 Signal Descriptions – RGZ Package...........................7
6.3 Connections for Unused Pins and Modules................8
7 Specifications.................................................................. 9
7.1 Absolute Maximum Ratings ....................................... 9
7.2 ESD Ratings .............................................................. 9
7.3 Recommended Operating Conditions ........................9
7.4 Power Supply and Modules ....................................... 9
7.5 Power Consumption - Power Modes ....................... 10
7.6 Power Consumption - Radio Modes ........................ 11
7.7 Nonvolatile (Flash) Memory Characteristics ............ 11
7.8 Thermal Resistance Characteristics ........................ 11
7.9 RF Frequency Bands ............................................... 12
7.10 Bluetooth Low Energy - Receive (RX) ................... 13
7.11 Bluetooth Low Energy - Transmit (TX) ................... 16
7.12 Zigbee and Thread - IEEE 802.15.4-2006 2.4
GHz (OQPSK DSSS1:8, 250 kbps) - RX ................... 17
7.13 Zigbee and Thread - IEEE 802.15.4-2006 2.4
GHz (OQPSK DSSS1:8, 250 kbps) - TX ....................18
7.14 Timing and Switching Characteristics..................... 18
7.15 Peripheral Characteristics.......................................23
7.16 Typical Characteristics............................................ 31
8 Detailed Description......................................................37
8.1 Overview................................................................... 37
8.2 System CPU............................................................. 37
8.3 Radio (RF Core)........................................................38
8.4 Memory..................................................................... 38
8.5 Sensor Controller...................................................... 40
8.6 Cryptography............................................................ 41
8.7 Timers....................................................................... 42
8.8 Serial Peripherals and I/O.........................................43
8.9 Battery and Temperature Monitor............................. 43
8.10 µDMA......................................................................43
8.11 Debug......................................................................43
8.12 Power Management................................................44
8.13 Clock Systems........................................................ 45
8.14 Network Processor..................................................45
9 Application, Implementation, and Layout................... 46
9.1 Reference Designs................................................... 46
9.2 Junction Temperature Calculation.............................47
10 Device and Documentation Support..........................48
10.1 Tools and Software................................................. 48
10.2 Documentation Support.......................................... 50
10.3 Support Resources................................................. 50
10.4 Trademarks.............................................................50
10.5 Electrostatic Discharge Caution..............................51
10.6 Glossary..................................................................51
11 Mechanical, Packaging, and Orderable
Information.................................................................... 52
11.1 Packaging Information............................................ 52
4 Revision History
DATE
REVISION
NOTES
May 2021
*
Initial Release
CC2652R7
SWRS253 – MAY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com