Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2652R Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652R
Description  CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652R Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2652R Datasheet HTML 17Page - Texas Instruments CC2652R Datasheet HTML 18Page - Texas Instruments CC2652R Datasheet HTML 19Page - Texas Instruments CC2652R Datasheet HTML 20Page - Texas Instruments CC2652R Datasheet HTML 21Page - Texas Instruments CC2652R Datasheet HTML 22Page - Texas Instruments CC2652R Datasheet HTML 23Page - Texas Instruments CC2652R Datasheet HTML 24Page - Texas Instruments CC2652R Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
7.14.4 Synchronous Serial Interface (SSI) Characteristics
7.14.4.1 Synchronous Serial Interface (SSI) Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
NO.
PARAMETER
MIN
TYP
MAX
UNIT
S1
tclk_per
SSIClk cycle time
12
65024
System Clocks (2)
S2(1)
tclk_high
SSIClk high time
0.5
tclk_per
S3(1)
tclk_low
SSIClk low time
0.5
tclk_per
(1)
Refer to SSI timing diagrams Figure 7-1, Figure 7-2 and Figure 7-3.
(2)
When using the TI-provided Power driver, the SSI system clock is always 48 MHz.
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
S2
S3
S1
4 to 16 bits
Figure 7-1. SSI Timing for TI Frame Format (FRF = 01), Single Transfer Timing Measurement
0
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
MSB
LSB
S2
S3
S1
8-bit control
4 to 16 bits output data
Figure 7-2. SSI Timing for MICROWIRE Frame Format (FRF = 10), Single Transfer
www.ti.com
CC2652R7
SWRS253 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC2652R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com