Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5045BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5045BCCZN-R7
Description  9 kHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5045BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5045BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADRF5045
Data Sheet
Rev. A | Page 6 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
GND
RFC
GND
GND
GND
V2
V1
VDD
GND
VSS
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
ADRF5045
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD MUST BE
CONNECTED TO THE RF/DC GROUND
OF THE PCB.
Figure 4. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4 to 7, 9, 10, 12,
13, 18, 19, 21, 22, 24
GND
Ground. These pins must be connected to the RF/dc ground of the PCB.
3
RFC
RF Common Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF
line potential is not equal to 0 V dc. See Figure 5 for the interface schematic.
8
RF4
RF4 Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line
potential is not equal to 0 V dc. See Figure 5 for the interface schematic.
11
RF3
RF3 Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line
potential is not equal to 0 V dc. See Figure 5 for the interface schematic.
14
VSS
Negative Supply Voltage.
15
V2
Control Input 2. See Table 5 for the control voltage truth table.
16
V1
Control Input 1. See Table 5 for the control voltage truth table.
17
VDD
Positive Supply Voltage.
20
RF2
RF2 Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line
potential is not equal to 0 V dc. See Figure 5 for the interface schematic.
23
RF1
RF1 Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line
potential is not equal to 0 V dc. See Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF/dc ground of the PCB.
INTERFACE SCHEMATICS
RFC,
RF1,
RF2,
RF3,
RF4
Figure 5. RFx Pins (RFC and RF1 to RF4) Interface Schematic
V1, V2
Figure 6. Digital Pins (V1 and V2) Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com