Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5045BCCZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5045BCCZN-R7
Description  9 kHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5045BCCZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5045BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5045BCCZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADRF5045
Rev. A | Page 9 of 14
INPUT 0.1 dB, 1 dB POWER COMPRESSION, AND THIRD-ORDER INTERCEPT
All large signal performance parameters were measured on the evaluation board.
32
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 16. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Various Temperatures
32
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 17. Input 1 dB Power Compression (P1dB) vs. Frequency over Various
Temperatures
60
20
25
30
35
40
45
50
55
0
5
10
15
30
20
25
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 18. Input IP3 vs. Frequency over Various Temperatures
32
10
12
14
16
18
20
22
24
26
28
30
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
+85°C
+25°C
–40°C
Figure 19. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Various Temperatures (Low Frequency Detail)
32
10
12
14
16
18
20
22
24
26
28
30
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
+85°C
+25°C
–40°C
Figure 20. Input 1 dB Power Compression (P1dB) vs. Frequency over Various
Temperatures (Low Frequency Detail)
60
20
25
30
35
40
45
50
55
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
+85°C
+25°C
–40°C
Figure 21. Input IP3 vs. Frequency over Various Temperatures
(Low Frequency Detail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com