Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5250BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5250BCPZ-R7
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5250BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADRF5250
Data Sheet
Rev. 0 | Page 10 of 15
65
30
35
40
45
50
55
60
0.5
6.0
FREQUENCY (GHz)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RFC TO RF1
RFC TO RF2
RFC TO RF3
RFC TO RF4
RFC TO RF5
Figure 16. Input IP3 vs. Frequency, VDD = 3.3 V, VSS = 0 V
65
30
35
40
45
50
55
60
0.5
6.0
FREQUENCY (GHz)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +105°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 17. Input IP3 vs. Frequency over Temperature,
VDD = 3.3 V, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com