Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5250BCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5250BCPZ-R7
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250BCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5250BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF5250BCPZ-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5250
Rev. 0 | Page 13 of 15
60 SECONDS
TO 180 SECONDS
20 SECONDS
TO 40 SECONDS
480 SECONDS MAX
TIME (Seconds)
260°C –5°C/+0°C
150°C TO 200°C
RAMP DOWN
6°C/SEC MAX
217°C
RAMP UP
3°C/SEC MAX
60 SECONDS
TO
150 SECONDS
Figure 21. Pb-Free Reflow Solder Profile
Table 6. Bill of Materials for the ADRF5250-EVALZ
Evaluation Board
Item
Description
J1, J2, J5 to J8
RF SMA connectors
TP1 to TP6
DC bias test pins
C2 to C5
100 pF capacitors, 0402 package
C6 to C9
0.01 µF capacitor, 0402 package
C10
10 µF capacitor, tantalum package
08-042239
Evaluation PCB, Rogers 4350B circuit board
material
J5
ADRF5250
J1
J2
J8
J7
J6
U1
TP1
TP6
RF3
RF2
RFC
RF1
RF4
RF5
V1
V3
VDD
VSS
V2
1
3
4
6
13
15
14
5
2
17
18
16
GND
V2
V1
VDD
GND
RF1
GND
GND
RF4
GND
GND
RF5
GND
GND
TP3
TP5
TP4
TP2
R4
0Ω
R3
0Ω
R2
0Ω
R1
0Ω
C10
10µF
+
GND
C9
0.1µF
GND
C5
100pF
GND
C8
0.01µF
GND
C4
100pF
GND
C7
0.01µF
GND
C3
100pF
GND
C6
0.01µF
GND
C2
100pF
GND
Figure 22. ADRF5250-EVALZ Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com