Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5547 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5547
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5547 Datasheet HTML 7Page - Analog Devices ADRF5547 Datasheet HTML 8Page - Analog Devices ADRF5547 Datasheet HTML 9Page - Analog Devices ADRF5547 Datasheet HTML 10Page - Analog Devices ADRF5547 Datasheet HTML 11Page - Analog Devices ADRF5547 Datasheet HTML 12Page - Analog Devices ADRF5547 Datasheet HTML 13Page - Analog Devices ADRF5547 Datasheet HTML 14Page - Analog Devices ADRF5547 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5547
Rev. A | Page 13 of 15
THEORY OF OPERATION
The ADRF5547 requires a positive supply voltage applied to
VDD1-ChA, VDD2-ChA, VDD1-ChB, VDD2-ChB, and
SWVDD-ChAB. Use bypassing capacitors on the supply lines
to filter noise and use 300 Ω series resistors on the BP-Chx and
PD-ChAB digital control pins for glitch and overcurrent
protection.
SIGNAL PATH SELECT
When SWCTRL-ChAB is set to high, the ADRF5547 supports
transmit operations. During this operation, when applying an RF
input to ANT-ChA and ANT-ChB, the signal paths connect from
ANT-ChA to TERM-ChA and from ANT-ChB to TERM-ChB.
When SWCTRL-ChAB is set to low, the ADRF5547 supports
receive operations. During this operation, applying an RF input
at ANT-ChA and ANT-ChB connects ANT-ChA to RxOUT-ChA
and ANT-ChB to RxOUT-ChB.
Receive Operation
The ADRF5547 supports high gain mode, low gain mode,
power-down high isolation mode, and power-down low
isolation mode in receive operation, as detailed in Table 6.
When PD-ChAB is set to low, the LNA powers up and the user
can select high gain mode or low gain mode. To select high gain
mode, set BP-ChA or BP-ChB to low. To select low gain mode,
set BP-ChA or BP-ChB to high.
When PD-ChAB is set to high, the ADRF5547 enters power-down
mode. To select power-down high isolation mode, set BP-ChA
or BP-ChB to low. To select power-down low isolation mode,
set BP-ChA or BP-ChB to high.
BIASING SEQUENCE
To power up the ADRF5547, perform the following steps:
1. Connect GND to ground.
2. Power up VDD1-ChA, VDD2-ChA, VDD1-ChB, VDD2-
ChB, and SWVDD-ChAB.
3. Power up SWCTRL-ChAB.
4. Power up PD-ChAB.
5. Power up BP-ChA and BP-ChB.
6. Apply an RF input signal to ANT-ChA and ANT-ChB.
To power down the ADRF5547, perform these steps in the
reverse order.
Table 5. Truth Table: Signal Path
Signal Path Select
SWCTRL-ChAB
Transmit Operation1
Receive Operation
Low
Off
On
High
On
Off
1
See the signal path descriptions in Table 6.
Table 6. Truth Table: Operation
Operation
PD-ChAB
BP-ChA, BP-ChB
Signal Path
Receive Operation
ANT-ChA to RxOUT-ChA, ANT-ChB to RxOUT-ChB
High Gain Mode
Low
Low
Low Gain Mode
Low
High
Power-Down High Isolation Mode
High
Low
Power-Down Low Isolation Mode
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com