Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5547 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5547
Description  Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5547 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5547 Datasheet HTML 1Page - Analog Devices ADRF5547 Datasheet HTML 2Page - Analog Devices ADRF5547 Datasheet HTML 3Page - Analog Devices ADRF5547 Datasheet HTML 4Page - Analog Devices ADRF5547 Datasheet HTML 5Page - Analog Devices ADRF5547 Datasheet HTML 6Page - Analog Devices ADRF5547 Datasheet HTML 7Page - Analog Devices ADRF5547 Datasheet HTML 8Page - Analog Devices ADRF5547 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ADRF5547
Data Sheet
Rev. A | Page 2 of 15
TABLE OF CONTENTS
Features.............................................................................................. 1
Applications ...................................................................................... 1
General Description......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications .................................................................................... 3
Electrical Specifications............................................................... 3
Absolute Maximum Ratings ........................................................... 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions ............................ 6
Interface Schematics .................................................................... 7
Typical Performance Characteristics .............................................8
Receive Operation, High Gain Mode.........................................8
Receive Operation, Low Gain Mode ....................................... 10
Transmit Operation................................................................... 12
Theory of Operation ...................................................................... 13
Signal Path Select........................................................................ 13
Biasing Sequence........................................................................ 13
Applications Information ............................................................. 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
6/2020—Rev. 0 to Rev. A
Changes to Theory of Operation Section.................................... 13
Changes to Applications Information Section and Figure 28....... 14
10/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com