Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS312W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DS312W
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DS312W Datasheet(HTML) 1 Page - Rectron Semiconductor

  DS312W Datasheet HTML 1Page - Rectron Semiconductor DS312W Datasheet HTML 2Page - Rectron Semiconductor DS312W Datasheet HTML 3Page - Rectron Semiconductor DS312W Datasheet HTML 4Page - Rectron Semiconductor DS312W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Resistive or inductive load.
DS320W
THRU
DS32W
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ambient Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
3.0
80
80
160
Amps
0 C/W
0 C/W
0 C
Storage Temperature Range
R JA
Typical Thermal Resistance (Note 1)
17
R JL
IO
pF
Operating Temperature Range
TJ
DS32W
DS34W
DS36W
DS38W
DS310W
DS312W
DS315W
DS320W
20
40
60
80
100
120
150
200
-55 to + 150
0 C
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
Maximum Instantaneous Forward Voltage at3.0A DC
Volts
15
1.0
@TA = 25
oC
@TA = 150
oC
.55
mA
UNITS
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "ROHS compliant".
Typical Current Square Time
I2T
A2S
26.6
VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere
μA
0.5
5
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code: DS32W
---S32
DS34W
---S34
DS36W
---S36
DS38W
---S38
DS310W
---S310
DS312W
---S312
DS315W
---S315
DS320W
---S320
Simplified outline SOD-123F(L)and symbol
1
2
20
40
60
80
100
120
150
200
DS32W
DS34W
DS36W
DS38W
DS310W
DS312W
DS315W
DS320W
14
28
42
56
70
84
105
140
250
-55 to + 150
.70
.85
.95
* Approx. Weight:15mg
2020-11/08
REV:B


Similar Part No. - DS312W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DS312W YFWDIODE-DS312W Datasheet
84Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
DS312W SEMIPOWER-DS312W Datasheet
128Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
DS312W YFWDIODE-DS312W Datasheet
409Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DS312W RECTRON-DS312W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
AiT Semiconductor Inc.
DS312W AITSEMI-DS312W Datasheet
564Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
REV1.0
More results

Similar Description - DS312W

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com