Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FML545AF Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FML545AF
Description  Surface Mount Schottky Barrier Rectifier Reverse Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FML545AF Datasheet(HTML) 1 Page - Rectron Semiconductor

  FML545AF Datasheet HTML 1Page - Rectron Semiconductor FML545AF Datasheet HTML 2Page - Rectron Semiconductor FML545AF Datasheet HTML 3Page - Rectron Semiconductor FML545AF Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 45V Forward Current - 5..0A
FEATURES
• Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
MECHANICAL DATA
pprox. Weight:
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg / 0.00095oz
P
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Simplified outline SMAF and symbol
1
2
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Instantaneous Forward Voltage at 5A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
Maximum DC Reverse Current
at Rated DC Blocking Voltage
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Symbols
V
V
V
5
150
0.5
A
A
V
mA
Maximum Ratings and Electrical characteristics
Units
Typical Thermal Resistance
R JA
50
C/W
1
2
45
32
45
Typical Junction Capacitance
pF
Cj
Storage Temperature Range
Tstg
-55 ~ +150
C
Operating Junction Temperature Range
-55 ~ +125
C
Tj
700
0.45
Measured at 1 MHz and applied reverse voltage of 4 V D.C
2
1
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
T = 25 C
a
FML545AF
2016-08
REV: O1
FML545AF


Similar Part No. - FML545AF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FML545A RECTRON-FML545A Datasheet
343Kb / 8P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - FML545AF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2PH9 VISHAY-SS2PH9_11 Datasheet
87Kb / 4P
High Voltage Surface Mount Schottky Barrier Rectifier
30-May-11
logo
Bruckewell Technology L...
SS32A-3100A BWTECH-SS32A-3100A Datasheet
362Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
logo
Vishay Siliconix
SS2PH9 VISHAY-SS2PH9_15 Datasheet
88Kb / 5P
High Voltage Surface Mount Schottky Barrier Rectifier
16-Jan-14
logo
SHIKUES Electronics
BAT46W SKTECHNOLGY-BAT46W Datasheet
429Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
Rectron Semiconductor
FML545BF RECTRON-FML545BF Datasheet
195Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
SS52F RECTRON-SS52F Datasheet
87Kb / 4P
Surface Mount Schottky Barrier Rectifier Reverse Voltage
logo
Vishay Siliconix
SS2PH9 VISHAY-SS2PH9_V01 Datasheet
102Kb / 5P
High Voltage Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com