Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FML545AF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FML545AF
Description  Surface Mount Schottky Barrier Rectifier Reverse Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FML545AF Datasheet(HTML) 2 Page - Rectron Semiconductor

  FML545AF Datasheet HTML 1Page - Rectron Semiconductor FML545AF Datasheet HTML 2Page - Rectron Semiconductor FML545AF Datasheet HTML 3Page - Rectron Semiconductor FML545AF Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
C
T =100
J
C
Percent of Rated Peak Reverse Voltage
100
10
0
10
1
10
2
10
3
10
4
T=75
J
C
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
sec
0.1
1
10
200
0.1
0
0.4
1.4
1
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
20
10
0.1
10
100
200
500
20
50
100
1
1000
T =25
J
C
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
50
00
125
175
25
75
150
100
Fig.1 Forward Current Derating Curve
1
2
3
4
5
6
0
25
50
75
100
125
150
Case Temperature ( C)
RATING AND CHARACTERISTICS CURVES ( FML545AF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com