Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986I Datasheet(PDF) 23 Page - STMicroelectronics

Part # A6986I
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I Datasheet(HTML) 23 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 19Page - STMicroelectronics A6986I Datasheet HTML 20Page - STMicroelectronics A6986I Datasheet HTML 21Page - STMicroelectronics A6986I Datasheet HTML 22Page - STMicroelectronics A6986I Datasheet HTML 23Page - STMicroelectronics A6986I Datasheet HTML 24Page - STMicroelectronics A6986I Datasheet HTML 25Page - STMicroelectronics A6986I Datasheet HTML 26Page - STMicroelectronics A6986I Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
This is a second level protection and should never be triggered in normal operating conditions if the system
is properly dimensioned. In other words, the selection of the external power components and the dynamic
performance determined by the compensation network should guarantee an output voltage regulation within the
overvoltage threshold even during the worst-case scenario in terms of load transitions.
Figure 25 shows the overvoltage operation during a negative steep load transient and designed with a not
optimized compensation network. This can be considered as an example for a system with dynamic performance
not in line with the load request.
The A6986I device implements a 1.9 A typ. negative current limitation to limit the maximum reversed switch
current during the overvoltage operation.
Moreover, the overvoltage protection also activates the internal pull-down on the RST pin. Once OVP is
deactivated, the A6986I releases the RST (Figure 25). The release of the RST pin can be delayed by connecting
a capacitor to the DELAY pin (pin 9). For the selection of the capacitance value, equation (28) can be used.
Figure 25. Overvoltage operation
5.11
Thermal shutdown
The shutdown block disables the switching activity if the junction temperature is higher than a fixed internal
threshold (165°C typical). The thermal sensing element is close to the power elements, ensuring fast and
accurate temperature detection. A hysteresis of approximately 30°C prevents the device from turning ON and
OFF continuously. When the thermal protection runs away a new soft-start cycle takes place.
A6986I
Thermal shutdown
DS13481 - Rev 2
page 23/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com