Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986I Datasheet(PDF) 36 Page - STMicroelectronics

Part # A6986I
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986I Datasheet(HTML) 36 Page - STMicroelectronics

Back Button A6986I Datasheet HTML 32Page - STMicroelectronics A6986I Datasheet HTML 33Page - STMicroelectronics A6986I Datasheet HTML 34Page - STMicroelectronics A6986I Datasheet HTML 35Page - STMicroelectronics A6986I Datasheet HTML 36Page - STMicroelectronics A6986I Datasheet HTML 37Page - STMicroelectronics A6986I Datasheet HTML 38Page - STMicroelectronics A6986I Datasheet HTML 39Page - STMicroelectronics A6986I Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
7.5
Design of the external components
7.5.1
Input capacitor selection
The input capacitor, just like in a standard buck, should limit the input voltage ripple. Key parameters of the input
capacitor are, together with its value, the maximum operating voltage and the RMS current capability.
The input capacitor voltage rating must be higher than the maximum input operating voltage of the application.
During the switching activity a pulsed current flows into the input capacitor and so its RMS current capability must
be selected according to the application conditions. Internal losses of the input filter depend on the ESR value
so usually low ESR capacitors (like multilayer ceramic capacitors) have higher RMS current capability. On the
other hand, given the RMS current value, a lower ESR input filter has lower losses and so contributes to higher
conversion efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
IRMS=IOUT_pri+IOUT_secN∙ 1‐Dη∙Dη
(30)
In the ideal case of efficiency η = 1, the RMS current reaches its maximum value when D = 0.5.
In general, the maximum and minimum duty cycles can be calculated as:
DMAX=  VOUT_pri+ΔVLS
VINmin+ΔVLS−ΔVHS
(31)
DMIN=  VOUT_pri + ΔVLS
VINmax+ΔVLS−ΔVHS
(32)
where ΔVHS and ΔVLS are the voltage drop across the high-side and low-side MOSFETs respectively.
The AC component of the input current (see Figure 41) flows in the input capacitor, generating the input voltage
ripple.
Figure 42. Input capacitor AC current
The peak-to-peak voltage across the input capacitor can be calculated as follows:
VPP=  IOUT_pri+IOUT_sec∙NsecNpri
CIN∙fSW ∙Dη∙1−Dη +ESR∙IOUT_pri+IOUT_sec+∆IL2
(33)
In the case of negligible ESR (e.g. in case of MLCC capacitors) equation (33) can be simplified. The value of the
input capacitor can be then derived:
CIN = IOUT_pri+IOUT_sec∙NsecNpri
VPP∙fSW ∙Dη∙1−Dη
(34)
Considering the ideal case of η = 1, the equation above reaches its maximum value when D = 0.5. Therefore, the
minimum input capacitance value can be defined as follows:
A6986I
Design of the external components
DS13481 - Rev 2
page 36/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com