Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALMASTERGAN4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVALMASTERGAN4
Description  Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALMASTERGAN4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVALMASTERGAN4 Datasheet HTML 3Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 4Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 5Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 6Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 7Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 8Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 9Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 10Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4
Bill of material
Table 4. Bill of material
Item Q.ty
Ref.
Value
Description
Manufacturer
Part Number
1
2
CN1, CN2
BNC connector
MMCX straight receptacle
Cinch
135-3701-201
2
5
C1, C2, C5,
C6, C24
100nF/X7R, size
0603, 25 V,
SMT ceramic capacitor
5
2
C10, C11
1uF/X5R, size
0805, 25 V,
SMT ceramic capacitor
6
3
C13, C16,
C17
47nF/X7R, size
0402, 25 V,
SMT ceramic capacitor
7
2
C14, C18
N.A., size 0402,
SMT ceramic capacitor
8
1
C15
4.7uF/X7R, size
0805, 25 V,
SMT ceramic capacitor
9
3
C22, C25,
C26
1uF/X7R, size
0603, 10 V,
SMT ceramic capacitor
10
1
C27
N.A.
Electrolytic Cap, Diam. 22
p. 10,
11
1
C28
470nF/X7R, size
2225, 630 V,
SMT ceramic capacitor
12
1
C29
N.A., size 2225,
630 V,
SMT ceramic capacitor
13
2
D1, D2
BAS70J
Schottky diodes
STMicroelectronics
BAS70JFILM
14
1
D3
N.A.
600 V, 1 A, turbo 2 ultrafast
high voltage rectifier
STMicroelectronics
STTH1R06A
15
1
D3A
N.A.
600 V, 0.2A super-fast
recovery diodes
ROHM Semiconductor
RFU02VSM6S
16
2
D4, D5
BZT585B6V2T
ZENER 6.2 V 300 mW
Diodes Incorporated
BZT585B6V2T
17
2
JP1, JP2
Open, soldering
pads,
SMT jumper
18
3
J1, J7, J9
N.A.
Strip connector 2 pos, 2.54
mm
19
1
J2
Strip 1x9
Strip connector 9 pos, 2.54
mm
20
1
J3
Strip 1x4
Strip connector 4 pos, 2.54
mm
21
3
J4, J5, J6
Strip 1x3
Strip connector 3 pos, 2.54
mm
22
1
J10
N.A.
Strip connector 3 pos, 2.54
mm
23
1
J11
N.A.
Strip connector 2 pos, 2.54
mm
24
1
J12
2P_screw, pitch
5.08 mm,
Terminal block T.H. 2 pos,
5.08 mm
Wurth Elektronik
691213510002
25
2
R1, R2
0R, size 0402
SMT resistor
26
2
R3, R6
N.A., size 0603
SMT resistor
27
2
R4, R7
47R, size 0603
SMT resistor
28
1
R8
47k, size 0603
SMT resistor
EVALMASTERGAN4
Bill of material
DB4430 - Rev 1
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com