Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALMASTERGAN4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EVALMASTERGAN4
Description  Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALMASTERGAN4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EVALMASTERGAN4 Datasheet HTML 4Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 5Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 6Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 7Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 8Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 9Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 10Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 11Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Item Q.ty
Ref.
Value
Description
Manufacturer
Part Number
29
1
R9
10k, size 0603,
SMT resistor
30
1
R10
1k, size 0603,
SMT resistor
31
9
R11, R12,
R13, R18,
R19, R20,
R22, R23,
JP3
0R, size 0603,
SMT resistor
32
1
R14
10R, size 0805,
SMT resistor
33
1
R15
Closed, soldering
pads,
SMT jumper
34
2
R16, R17
N.A., size 0603,
SMT resistor
35
1
R21
10R, size 0603,
SMT resistor
37
2
TR1, TR2
1K, 12 turns
5 mm 12 turns surface
mount miniature trimmers
BOURNS
3224W-1-102E
38
3
U1, U2, U4
74LVC1G17W5
Single Schmitt-trigger
buffer
Diodes Incorporated
74LVC1G17W5 / -7
39
1
U3
74LVC1G14W5
Single Schmitt-trigger
inverter
Diodes Incorporated
74LVC1G14W5 / -7
40
1
U5
KF33BD-TR
Very low drop voltage
regulators with inhibit
STMicroelectronics
KF33BD-TR
41
1
U6
MASTERGAN4
High power density half-
bridge high voltage driver
with two 650 V enhanced
mode
GaN HEMT
STMicroelectronics
MASTERGAN4
EVALMASTERGAN4
Bill of material
DB4430 - Rev 1
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com