Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS27HHTWTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LPS27HHTWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTWTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LPS27HHTWTR Datasheet HTML 5Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 6Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 7Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 8Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 9Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 10Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 11Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 12Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
4
Functionality
The LPS27HHTW is a high-resolution, digital output pressure sensor packaged in a CCLGA package with metal
lid. The complete device includes a sensing element based on a piezoresistive Wheatstone bridge approach, and
an IC interface which communicates a digital signal from the sensing element to the application.
4.1
Sensing element
An ST proprietary process is used to obtain a silicon membrane for MEMS pressure sensors. When pressure is
applied, the membrane deflection induces an imbalance in the Wheatstone bridge piezoresistances whose output
signal is converted by the IC interface.
4.2
IC interface
The complete measurement chain is composed of a low-noise amplifier which converts the resistance unbalance
of the MEMS sensors (pressure and temperature) into an analog voltage using an analog-to-digital converter.
The pressure and temperature data may be accessed through an I²C/MIPI I3CSM/SPI interface thus making the
device particularly suitable for direct interfacing with a microcontroller.
The LPS27HHTW features a Data-Ready signal which indicates when a new set of measured pressure and
temperature data are available, thus simplifying data synchronization in the digital system that uses the device.
4.3
Factory calibration
The trimming values are stored inside the device in a non-volatile structure. When the device is turned on, the
trimming parameters are downloaded into the registers to be employed during the normal operation which allows
the device to be used without requiring any further calibration.
LPS27HHTW
Functionality
DS13489 - Rev 1
page 9/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com