Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS27HHTWTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LPS27HHTWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTWTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LPS27HHTWTR Datasheet HTML 25Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 26Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 27Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 28Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 29Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 30Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 31Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 32Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
7.5
I²C/MIPI I3CSM coexistence in LPS27HHTW
In the LPS27HHTW, the SDA and SCL lines are common to both I²C and MIPI I3CSM. The I²C bus requires
anti-spike filters on the SDA and SCL pins that are not compatible with MIPI I3CSM timing.
The device can be connected to both I²C and MIPI I3CSM or only to the MIPI I3CSM bus depending on the
connection of the INT1 pin when the device is powered up:
•
INT_DRDY pin floating (internal pull-down): I²C/MIPI I3CSM both active, see Figure 23
–
I²C case: INT_DRDY pin is by default an input with pull-down. If I²C is used, INT_DRDY must be
left unconnected or eventually pulled down during device initialization. After power-on, during device
configuration, the INT_DRDY pin can be programmed as an interrupt output pin and it is recommended
to set bit I3C_disable to '1'.
–
I3C case: INT_DRDY pin is by default an input with pull-down. If I3C is used and the INT_DRDY pin is
unconnected, dynamic address assignment must be performed using I²C Fast Mode Plus Timing (max
1 MHz clock). After dynamic address assignment, I3C can be used in full speed mode.
•
INT_DRDY pin connected to Vdd_IO: only MIPI I3CSM active, see Figure 24
–
Only I3C: INT_DRDY pin is by default an input with pull-down. If INT_DRDY is set to Vdd_IO, I3C slave
is selected and device can be initialized at full speed through the SETDASA command. If the I3C bus
is available for more than 10 msec and the device is not yet addressed, a hot join request is performed
(SDA line kept to ground from slave) and the master must manage the request. After device address
assignment, a private write can be performed to disconnect the INT_DRDY pull-down.
Figure 23. I²C and MIPI I3CSM both active (INT_DRDY pin not connected)
I²C/I3C
(both active)
Master sends
I²C r/w
I²C bus case
Slave performs
requested r/w
Master assigns DA
to the slave(1)
I3C bus case
I3C private R/W with and without 7Eh
CCC commands
Slave event management
Error detection and recovery
Master resets
DA
INT1 pin not connected
I²C/I3C both active
1.
Address assignment (SETDASA) must be performed with I²C Fast Mode Plus Timing. When the slave is
addressed, the I²C slave is disabled and the timing is compatible with MIPI I3CSM specifications.
LPS27HHTW
I²C/MIPI I3CSM coexistence in LPS27HHTW
DS13489 - Rev 1
page 29/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com