Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32XTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM6DSO32XTR
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32XTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM6DSO32XTR Datasheet HTML 9Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 10Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 11Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 12Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 13Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 14Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 15Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 16Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 162 page
background image
4.2
Electrical characteristics
@ Vdd = 1.8 V, T = 25 °C, unless otherwise noted.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
1.8
3.6
V
Vdd_IO
Power supply for I/O
1.62
3.6
V
IddHP
Gyroscope and accelerometer current consumption in high-performance
mode
0.55
mA
LA_IddHP Accelerometer current consumption in high-performance mode
170
µA
LA_IddLP
Accelerometer current consumption in low-power mode
ODR = 52 Hz
ODR = 1.6 Hz
26
4.5
µA
LA_IddULP Accelerometer current consumption in ultra-low-power mode
ODR = 52 Hz
ODR = 1.6 Hz
9.5
4.4
µA
IddPD
Gyroscope and accelerometer current consumption during power-down
3
µA
Ton
Turn-on time
35
ms
VIH
Digital high-level input voltage
0.7 *
Vdd_IO
V
VIL
Digital low-level input voltage
0.3 *
Vdd_IO
V
VOH
High-level output voltage
IOH = 4 mA(2)
Vdd_IO -
0.2
V
VOL
Low-level output voltage
IOL = 4 mA(2)
0.2
V
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. 4 mA is the maximum driving capability, i.e. the maximum DC current that can be sourced/sunk by the digital
pin in order to guarantee the correct digital output voltage levels VOH and VOL.
4.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TODR(2)
Temperature refresh rate
52
Hz
Toff
Temperature offset(3)
-15
+15
°C
TSen
Temperature sensitivity
256
LSB/°C
TST
Temperature stabilization time(4)
500
µs
T_ADC_res
Temperature ADC resolution
16
bit
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. When the accelerometer is in low-power mode or ultra-low-power mode and the gyroscope part is turned
off, the TODR value is equal to the accelerometer ODR.
3. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
4. Time from power ON to valid data based on characterization data.
LSM6DSO32X
Electrical characteristics
DS13607 - Rev 1
page 13/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com