Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32XTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM6DSO32XTR
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32XTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM6DSO32XTR Datasheet HTML 28Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 29Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 30Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 31Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 32Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 33Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 34Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 35Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 162 page
background image
6.4.2
Block diagrams of the gyroscope filters
Figure 19. Gyroscope digital chain - Mode 1 and Mode 2
ADC
HPF
HP_EN_G
LPF1
LPF2
LPF1_SEL_G
SPI /
I2C /
FIFO
FTYPE [2:0]
0
1
0
1
ODR_G[3:0]
MIPI I3CSM
FSM
The digital LPF2 filter cannot be configured by the user and its cutoff frequency depends on the selected
gyroscope ODR, as indicated in the following table.
Table 17. Gyroscope LPF2 bandwidth selection
Gyroscope ODR [Hz]
LPF2 cutoff [Hz]
12.5
4.2
26
8.3
52
16.6
104
33.0
208
66.8
417
135.9
833
295.5
1667
1108.1
3333
1320.7
6667
1441.8
Data can be acquired from the output registers and FIFO over the primary I²C/I3C/SPI interface.
LSM6DSO32X
Block diagram of filters
DS13607 - Rev 1
page 32/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com