Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KURE-41PC-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # KURE-41PC-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KURE-41PC-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  KURE-41PC-R Datasheet HTML 1Page - M-System Co.,Ltd. KURE-41PC-R Datasheet HTML 2Page - M-System Co.,Ltd. KURE-41PC-R Datasheet HTML 3Page - M-System Co.,Ltd. KURE-41PC-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: KURE
KURE SPECIFICATIONS
ES-3657 Rev.2 Page 3/4
http://www.m-system.co.jp/
approx. 2 W (18 mA at 110 V)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 500 g (1.1 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F,
45 – 65 Hz)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.(The output ripple may increase when
there is great difference between the frequencies of input
signal and power supply)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to output to auxiliary power
to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)
CONNECTION DIAGRAM
u
*CT Protector (model: CTM) attached to these terminals.
**The transducer can be powered from the input voltage
when the voltage is sufficiently stable and meets within
the range of auxiliary power supply of the unit specified
in the data sheet/instruction manual.
LOAD
1
N
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
V
v
P0
U
k
l
CT
L
K
1L
1S
2L
2S
3L
3S
k
l
L
K
k
l
L
K
7
14
U(+)
V(–)
6
3
5
8
9
15
12
4
11
2
■ 3-PHASE/4-WIRE
+
–
10
1
OUTPUT
*
*
*
AUXILIARY POWER**



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com