Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KURE-41PC-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # KURE-41PC-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KURE-41PC-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  KURE-41PC-R Datasheet HTML 1Page - M-System Co.,Ltd. KURE-41PC-R Datasheet HTML 2Page - M-System Co.,Ltd. KURE-41PC-R Datasheet HTML 3Page - M-System Co.,Ltd. KURE-41PC-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: KURE
KURE SPECIFICATIONS
ES-3657 Rev.2 Page 4/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
50 (1.97)
72 (2.83)
[3.3 (.13)]
60 (2.36)
72 (2.83)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
• When mounting, no extra space is needed between units.
12
5
6
14
11
1
10
15
4
3
2
7
9
8
103 (4.06)
132 (5.20)
TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
14
1
10
3
7
8
CT PROTECTOR
(model: CTM)
15
9
CT PROTECTOR
(model: CTM)
12
11
4
2
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com