Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-11FW-H Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LCY-11FW-H
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCY-11FW-H Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LCY-11FW-H Datasheet HTML 1Page - M-System Co.,Ltd. LCY-11FW-H Datasheet HTML 2Page - M-System Co.,Ltd. LCY-11FW-H Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: LCY
http://www.m-system.co.jp/
LCY SPECIFICATIONS
ES-1993 Rev.6 Page 3/3
CONNECTION DIAGRAM
* The transducer can be powered from the input voltage
when the voltage is sufficiently stable and meets other
supply voltage requirements.
LOAD
1
2
3
SOURCE
P3
U
P2
V
u
v
FUSE
VT
k
l
CT
L
K
1L
1S
k
l
CT
L
K
1L
1S
15
16
1
2
9
10
U(+)
V(–)
AUXILIARY
POWER
+
–
11
12
OUTPUT
*
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
112 (4.41)
[3.3 (.13)]
DIN RAIL
35mm wide
8 (.31)
M3.5 SCREW
(Only on the used terminals)
75 (2.95)
TERMINAL
COVER
2–5.8 (.23) dia. or
2–4.8 (.18) dia.
MTG HOLE
8 (.31) deep
•When mounting, no extra space is needed between units.
9 10 11 12 13 14 15 16
1 2
3
4
5
6
7 8
MOUNTING REQUIREMENTS unit: mm (inch)
2–M5
60 (2.36)
■ M5 SCREWS
2–M4
60 (2.36)
■ M4 SCREWS
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com