Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-11FW-H Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LCY-11FW-H
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCY-11FW-H Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LCY-11FW-H Datasheet HTML 1Page - M-System Co.,Ltd. LCY-11FW-H Datasheet HTML 2Page - M-System Co.,Ltd. LCY-11FW-H Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: LCY
http://www.m-system.co.jp/
LCY SPECIFICATIONS
ES-1993 Rev.6 Page 2/3
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to output to
auxiliary power
Input waveform: Up to 5 % of 3rd harmonic content
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ INPUT
Frequency: 50 or 60 Hz
Detectable phase angle
Reverse flow: lead 85° – 0° – lag 85°
Direct flow: lag 95° – 180° – lag 265°
• Voltage Input
Input burden: 0.5 VA
Operational range: 50 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec.,
120 % continuous
• Current Input
Input burden: 0.1 VA (input -1 – +1 A)
0.5 VA (input -5 – +5 A)
Operational range: 10 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
OUTPUT SPECIFICATIONS
■ DC Current: -20 – +20 mA DC
Minimum span: 1 mA
Offset: max. 1.5 times span
Load resistance: output drive 11 V maximum
■ DC Voltage: -10 – +10 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
■ OPERATION DIAGRAM (example)
0
+5A
(R)
-5A
(D)
12
OUT
20mA
(0.5)
Keys: D = direct flow, R = reverse flow
Note: When the input is less than half of the rated voltage or
the tenth of the rated current, the transducer may output as
"reverse" flow.
(0.5)
0
+5A
(R)
-5A
(D)
0
OUT
+10V
(0.5)
-10V
(0.5)
4
INSTALLATION
Auxiliary power supply
•AC: Operational voltage range: rating -15/+10 %,
50/60 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %,
or 85 – 150 V for 110 V rating, ripple 10 %p-p max.,
approx. 2 W (18 mA at 110 V)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % with balanced load
(at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to output to auxiliary power
to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com